Electronic Components Datasheet Search
  English  ▼

X  

SL33B Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SL33B
Description  LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SL33B Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SL33B Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL33B Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL33B Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
DN:T19717A0
https://www.microdiode.com
Rev:2019A0
Page :1
Reverse Voltage - 20 to 100 Volts Forward Current - 3.0 Ampere
SL32B THRU SL310B
Mechanical Data
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
260
°C/10 seconds at terminals
Case : JEDEC DO-214AA/SMB Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.003ounce, 0.093 grams
Maximum Ratings And Electrical Characteristics
Ratings at 25°C ambient temperature unlss otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Dimensions in inches and (millimeters)
DO-214AA/SMB
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)
0.08
6 (2.20)
0.07
1 (1.80)
0.18
5(4.70)
0.160(4.06)
0.155(3.94)
0.130(3.30)
Parameter
SYMBOLS
SL32B
SL33B
SL34B
SL35B
SL36B
SL38B SL310B
UNITS
Marking Code
MDD
SL32B
MDD
SL33B
MDD
SL34B
MDD
SL35B
MDD
SL36B
MDD
SL38B
MDD
SL310B
Maximum repetitive peak reverse voltage
VRMM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
V
Maximum average forward rectified current
at TL=90℃
I(AV)
3.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
70
A
Maximum instantaneous forward voltage at 3.0A
VF
0.45
0.50
0.70
V
Maximum DC reverse current
TA=25℃
at rated DCblocking voltage
TA=125℃
IR
0.5
20.0
0.2
10.0
mA
Typical junction capacitance (NOTE 2)
CJ
500
300
pF
Typical thermal resistance (NOTE 3)
RJA
68.0
℃/
W
Operating junction and storage temperaturerange TJ,TSTG
-55to+150
℃
Note:
1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 2.0x2.0”(5.0x5.0cm) copper pad areas.
3.The typical data above is for reference only.


Similar Part No. - SL33B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SL33B GOOD-ARK-SL33B Datasheet
210Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Microdiode Semiconducto...
SL33B CHENDA-SL33B Datasheet
192Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SL33B BILIN-SL33B Datasheet
599Kb / 4P
Schottky Barrier Rectifiers
Rev.B
SL33BF BILIN-SL33BF Datasheet
446Kb / 4P
Schottky Barrier Rectifiers
More results

Similar Description - SL33B

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SL32A CHENDA-SL32A_V01 Datasheet
817Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL34F CHENDA-SL34F_V01 Datasheet
2Mb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL36F CHENDA-SL36F_V01 Datasheet
1Mb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL54F CHENDA-SL54F_V01 Datasheet
839Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL210F CHENDA-SL210F_V01 Datasheet
821Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL510F CHENDA-SL510F Datasheet
839Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL22B CHENDA-SL22B_V01 Datasheet
815Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL32C CHENDA-SL32C_V01 Datasheet
1Mb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL52B CHENDA-SL52B_V01 Datasheet
904Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL52C CHENDA-SL52C_V01 Datasheet
920Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com