Electronic Components Datasheet Search
  English  ▼

X  

SL2045 Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SL2045
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SL2045 Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SL2045 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL2045 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL2045 Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev:2019A0
Page :2
Ratings And Characteristic Curves
https://www.microdiode.com
Reverse Voltage - 45 to 200 Volts Forward Current -20.0 Ampere
SL2045 THRU SL20200
The curve above is for reference only.
Fig3: Surge Forward Current Capadility
Fig2 : Instantaneous Forward Voltage
=25
=100
100
10
300
250
200
150
100
50
Fig4: Typical Reverse Characteristics
1
0
2
10
20
100
Number of Cycles
0
20
40
60
80
100
0.01
0.1
1.0
10
100
VRM(%)
℃
0.4
0.6
0.8
1.0
VF(V)
0.1
0
0.2
15
TA
TA
SL
2045
SL
2050
SL
2060
SL
2080-SL20100
S
L20150
TA =25℃
S
L20200
20
Fig.1 - Forward Current Derating Curve
25
5
50
75
5
100
125
150
175
10
5
Based on Lead Temp(T )
L
0
LEAD TEMPERATURE , T ( C)
L
°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com