Electronic Components Datasheet Search
  English  ▼

X  

SOD4002 Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SOD4002
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SOD4002 Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SOD4002 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SOD4002 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SOD4002 Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev:2019A0
Page :2
Typical Characterisitics
The curve above is for reference only.
https://www.microdiode.com
SOD4001 THRU SOD4007
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
0.1
0.6
0.8
0.9
1.0
1.1
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
0.7
1.0
0.2
0.5
Fig.2 Typical Instaneous Reverse
Characteristics
200
400
600
800
0
0.01
0.1
1.0
10
Instaneous Reverse Voltage (V)
100
TJ=25°C
TJ=75°C
TJ=125°C
TJ=150°C
0.2
0.4
0.6
0.8
1.0
1.2
0.0
25
50
75
100
125
150
175
Fig.1 Forward Current Derating Curve
Case Temperature (°C)
Single phase half-wave 60 Hz
resistive or inductive load
Fig.4 Typical Junction Capacitance
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
TJ=25°C
05
10
15
20
25
30
00
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surae Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
35
0.5
1N4007W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com