Electronic Components Datasheet Search
  English  ▼

X  

SS22B Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SS22B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SS22B Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SS22B Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS22B Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS22B Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev:2019A0
Page :2
Typical Characterisitics
The curve above is for reference only.
https://www.microdiode.com
SS22B THRU SS2200B
Reverse Voltage - 20 to 200 Volts Forward Current - 2.0 Ampere
0.1
0
0.4
1.4
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
1.0
10
0.6
0.2
0.8
1.0
1.2
1.8
1.6
SS22B/SS24B
SS26B/SS28B
SS210B/SS212B
SS215
0B/SS2200B
20
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
TJ=25°C
TJ=100°C
Percent of Rated Peak Reverse Voltage
(%)
100
10 0
101
10 2
10 3
10 4
TJ=75°C
SS22B/SS26B
SS28B-SS22
00B
F
Fiig
g..1 F
1 Fo
orrw
wa
arrd C
d Cu
urrrre
en
nt D
t De
erra
attiin
ng C
g Cu
urrvve
e
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
Fig.4 Typical Junction Capacitance
Reverse Voltage (V)
10
0.1
10
100
500
20
100
1
1000
TJ=25°C
200
SS22B~SS26B
SS28B~SS220
0B
0.5
1.0
1.5
2.0
2.5
3.0
0.0
25
50
75
100
125
150
Single phase half-wave 60 Hz
resistive or inductive load
Case Temperature (
°C)
TJ=25°C
Fig.5 Maximum Non-Repetitive Peak
Forward Surge Current
10
Number of Cycles at 60Hz
100
1
10
20
30
00
40
60
50
SS22B-SS28B
SS210B-SS22
00B
8.3 ms Single Half Sine Wave
(JEDEC Method)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com