Electronic Components Datasheet Search
  English  ▼

X  

SS32B Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SS32B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SS32B Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SS32B Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS32B Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS32B Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DN:T19715A0
https://www.microdiode.com
Rev:2019A0
Page :1
SS32B THRU SS3200B
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 °C/10 seconds at terminals
Reverse Voltage - 20 to 200 Volts Forward Current - 3.0 Ampere
Mechanical Data
Case
: JEDEC DO-214AA/SMB molded plastic body
Terminals
: Solderable per MIL-STD-750,Method 2026
Polarity
: Color band denotes cathode end Mounting
Position
: Any
Weight
: 0.003 ounce, 0.095 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Ratings And Electrical Characteristics
Parameter
SYMBOLS
SS
32B SS33B SS34B SS35B SS36B SS38B SS310B SS3150B SS3200B
UNITS
Marking Code
MDD
SS
32B
MDD
SS
33B
MDD
SS
34B
MDD
SS
35B
MDD
SS
36B
MDD
SS
38B
MDD
SS
310B
MDD
SS
3150B
MDD
SS
3200B
Maximum repetitive peak reverse voltage
VRMM
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum average forward rectified current
at TL(see fig.1)
I(AV)
3.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
80
A
Maximum instantaneous forward voltage at
3.0A
VF
0.55
0.70
0.85
0.95
V
Maximum DC reverse current
TA=25℃
at rated DCblocking voltage
TA=125℃
IR
0.
5
0.
3
mA
5.0
3.0
Typical junction capacitance (NOTE 1)
CJ
450
400
pF
Typical thermal resistance (NOTE 2)
RJA
60.0
℃/W
Operating junction temperature range
TJ
-55 to +1
50
℃
Storage temperature range
TSTG
-55 to +150
℃
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B.mounted with
2.0x2.0”(5.0x5.0cm) copperpad areas.
3.The typical data above is for reference only.
DO-214AA/SMB
Dimensions in inches and (millimeters)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)
0.08
6 (2.20)
0.07
1 (1.80)
0.18
5(4.70)
0.160(4.06)
0.155(3.94)
0.130(3.30)


Similar Part No. - SS32B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS32B BILIN-SS32B Datasheet
140Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS32B TAITRON-SS32B Datasheet
182Kb / 3P
3.0A Surface Mount Schottky Rectifier
logo
Shenzhen Ping Sheng Ele...
SS32B PFS-SS32B Datasheet
155Kb / 2P
RATING AND CHARACTERTIC CURVES
logo
Yangzhou yangjie electr...
SS32B YANGJIE-SS32B Datasheet
173Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS32B DACHANG-SS32B Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 3.0 A
More results

Similar Description - SS32B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com