Electronic Components Datasheet Search
  English  ▼

X  

SS54B Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SS54B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SS54B Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SS54B Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS54B Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS54B Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DN:T19715A0
https://www.microdiode.com
Rev:2019A0
Page :1
SS52B THRU SS5200B
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 °C/10 seconds at terminals
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Ampere
Mechanical Data
Case
: JEDEC DO-214AA/SMB molded plastic body
Terminals
: Solderable per MIL-STD-750,Method 2026
Polarity
: Color band denotes cathode end Mounting
Position
: Any
Weight
: 0.003 ounce, 0.095 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Ratings And Electrical Characteristics
Parameter
SYMBOLS
SS
52B SS53B SS54B SS55B SS56B SS58B SS510B SS5150B SS5200B
UNITS
Marking Code
MDD
SS
52B
MDD
SS
53B
MDD
SS
54B
MDD
SS
55B
MDD
SS
56B
MDD
SS
58B
MDD
SS
510B
MDD
SS
5150B
MDD
SS
5200B
Maximum repetitive peak reverse voltage
VRMM
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum average forward rectified current
at TL(see fig.1)
I(AV)
5.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
150
A
Maximum instantaneous forward voltage at
5.0A
VF
0.55
0.70
0.85
V
Maximum DC reverse current
TA=25℃
at rated DCblocking voltage
TA=125℃
IR
1.0
0.
3
mA
50
25
Typical junction capacitance (NOTE 1)
CJ
500
300
pF
Typical thermal resistance (NOTE 2)
RJA
50.0
℃/W
Operating junction temperature range
TJ
-55 to +1
50
℃
Storage temperature range
TSTG
-55 to +150
℃
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B.mounted with
2.0x2.0”(5.0x5.0cm) copperpad areas.
3.The typical data above is for reference only.
DO-214AA/SMB
Dimensions in inches and (millimeters)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)
0.08
6 (2.20)
0.07
1 (1.80)
0.18
5(4.70)
0.160(4.06)
0.155(3.94)
0.130(3.30)


Similar Part No. - SS54B

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SS54B YANGJIE-SS54B Datasheet
148Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS54B FRONTIER-SS54B Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS54B LUGUANG-SS54B Datasheet
597Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Bruckewell Technology L...
SS54B BWTECH-SS54B Datasheet
770Kb / 3P
SCHOTTKY RECTIFIER
logo
Suntan Capacitors
SS54B SUNTAN-SS54B Datasheet
203Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS54B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com