Electronic Components Datasheet Search
  English  ▼

X  

ST56B Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # ST56B
Description  SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

ST56B Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  ST56B Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ST56B Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ST56B Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
DN:T19719A0
https://www.microdiode.com
Rev:2019A0
Page :1
Reverse Voltage - 40 to 100 Volts Forward Current - 5.0 Ampere
ST54B THRU ST510B
Mechanical Data
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction,majority carrier conduction
High efficiency operation
Ultra low forward voltage drop,low power losses
High forward surge current capability
High temperature soldering guaranteed:
260
°C/10 seconds,0.375” (9.5mm) lead length, 5
lbs. (2.3kg) tension
Case : JEDEC DO-214AA/SMB Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position: Any
Weight : 0.003ounce, 0.093 grams
Maximum Ratings And Electrical Characteristics
Ratings at 25°C ambient temperature unlss otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Parameter
SYMBOLS
S
T54B
S
T56B
S
T510B
UNITS
Marking Code
MDD
S
T54B
MDD
S
T56B
MDD
S
T510B
Maximum repetitive peak reverse voltage
VRMM
40
60
100
V
Maximum RMS voltage
VRMS
28
42
70
V
Maximum DC blocking voltage
VDC
40
60
100
V
Maximum average forward rectified current
0.375”(9.5mm) lead length(see fig.1)
I(AV)
5.0
A
Peak forward surge current 8.3ms single half sine-
wave
superimposed onrated load (JEDEC Method)
IFSM
100
90
A
Maximum instantaneous forward voltage at
5.0A
VF
0.4
3
0.50
0.60
V
TA=25℃
Maximum DCreverse current
at rated DCblocking voltage
TA=125℃
IR
0.10
0.0
5
0.0
3
mA
20.0
10.0
Typical junction capacitance (NOTE 2)
CJ
500
pF
Typical thermal resistance (NOTE 3)
RJA
75.0
℃/
W
Operating junction and storage temperaturerange
TJ,TSTG
-55to+150
℃
Dimensions in inches and (millimeters)
DO-214AA/SMB
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)
0.08
6 (2.20)
0.07
1 (1.80)
0.18
5(4.70)
0.160(4.06)
0.155(3.94)
0.130(3.30)
Note:
1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 2.0x2.0”(5.0x5.0cm) copper pad areas.
3.The typical data above is for reference only.


Similar Part No. - ST56B

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ST56BF CHENDA-ST56BF Datasheet
980Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
More results

Similar Description - ST56B

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ST34B CHENDA-ST34B Datasheet
212Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34BF CHENDA-ST34BF Datasheet
214Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C Datasheet
210Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34F CHENDA-ST34F Datasheet
203Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54BF CHENDA-ST54BF Datasheet
286Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34A CHENDA-ST34A_V01 Datasheet
841Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54A CHENDA-ST54A_V01 Datasheet
846Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C_V01 Datasheet
922Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
ON Semiconductor
NRVTS5100ETFS ONSEMI-NRVTS5100ETFS Datasheet
69Kb / 5P
Trench Surface Mount Schottky Rectifier
June, 2018 ??Rev. 0
NRVTS360ETFS ONSEMI-NRVTS360ETFS Datasheet
179Kb / 6P
Trench Surface Mount Schottky Rectifier
February, 2019 ??Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com