Electronic Components Datasheet Search
  English  ▼

X  

1751099 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751099
Description  SMKDS 1/ 2-3,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751099 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751099 Datasheet HTML 1Page - PHOENIX CONTACT 1751099 Datasheet HTML 2Page - PHOENIX CONTACT 1751099 Datasheet HTML 3Page - PHOENIX CONTACT 1751099 Datasheet HTML 4Page - PHOENIX CONTACT 1751099 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Jan 31, 2011
Extract from the online
catalog
 
SMKDS 1/ 2-3,5
Order No.: 1751099
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1751099
 
 
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V,
Pitch: 3.5 mm, Number of positions: 2, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
55 °, Color: green
 
Commercial data
GTIN (EAN)
4
017918
103699
sales group
E001
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 53 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
10 mm
Pitch
3.5 mm
Dimension a
3.5 mm


Similar Part No. - 1751099

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17510 VICOR-17510 Datasheet
68Kb / 1P
HTSNK, A X-FLOW, .4H LOW FLOW, THREADED
logo
Freescale Semiconductor...
17510 FREESCALE-17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Vicor Corporation
17510-6 VICOR-17510-6 Datasheet
68Kb / 1P
HTSNK, A X-FLOW, .4H LOW FLOW, THREADED
logo
Advantech Co., Ltd.
1751000017-01 ADVANTECH-1751000017-01 Datasheet
1Mb / 3P
Waterproof Outdoor Data Gateway with All-Around IP69K/IP68 Rating
5-Jul-2021
1751000018-01 ADVANTECH-1751000018-01 Datasheet
1Mb / 3P
Waterproof Outdoor Data Gateway with All-Around IP69K/IP68 Rating
5-Jul-2021
More results

Similar Description - 1751099

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1728284 PHOENIX-1728284 Datasheet
142Kb / 5P
SMKDS 1/ 2-3,81
1751109 PHOENIX-1751109 Datasheet
140Kb / 5P
SMKDS 1/ 3-3,5
1751112 PHOENIX-1751112 Datasheet
81Kb / 5P
PCB terminal block - SMKDS 1/ 4-3,5
1751125 PHOENIX-1751125 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 5-3,5
1751138 PHOENIX-1751138 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 6-3,5
1751141 PHOENIX-1751141 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/ 7-3,5
1751183 PHOENIX-1751183 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/11-3,5
1751196 PHOENIX-1751196 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/12-3,5
1751222 PHOENIX-1751222 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/15-3,5
1800062 PHOENIX-1800062 Datasheet
57Kb / 4P
PCB terminal block - SMKDS 1/ 2-3,5 BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com