Electronic Components Datasheet Search
  English  ▼

X  

DSA6352HA2EB-T Datasheet(PDF) 23 Page - Microchip Technology

Part # DSA6352HA2EB-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6352HA2EB-T Datasheet(HTML) 23 Page - Microchip Technology

Back Button DSA6352HA2EB-T Datasheet HTML 18Page - Microchip Technology DSA6352HA2EB-T Datasheet HTML 19Page - Microchip Technology DSA6352HA2EB-T Datasheet HTML 20Page - Microchip Technology DSA6352HA2EB-T Datasheet HTML 21Page - Microchip Technology DSA6352HA2EB-T Datasheet HTML 22Page - Microchip Technology DSA6352HA2EB-T Datasheet HTML 23Page - Microchip Technology DSA6352HA2EB-T Datasheet HTML 24Page - Microchip Technology DSA6352HA2EB-T Datasheet HTML 25Page - Microchip Technology DSA6352HA2EB-T Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006189A-page 23
DSC63XX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
PART NO.
X
Package
Device
Device:
DSA63:
Ultra-Small, Ultra-Low Power MEMS
Oscillator with Spread Spectrum for
Automotive
Pin Definition:
Selection
Pin 1
Internal Pull-Up Register
0
OE
Pull-up
1
STDBY
Pull-up
3
SSEN
Pull-up
4
OE
None
5
STDBY
None
7
SSEN
None
Output Drive
Strength:
1
2
Standard
High
Packages:
J
=
4-Lead 2.5 mm x 2.0 mm VLGA
M
=
4-Lead 2.0 mm x 1.6 mm VFLGA
H
=
4-Lead 1.6 mm x 1.2 mm VFLGA
Temperature
Range:
A
=
–40
C to +125C (Automotive Grade 1)
L
=
–40
C to +105C (Automotive Grade 2)
I
=
–40
C to +85C (Automotive Grade 3)
Frequency
Stability:
1
=
± 50 ppm
2
=
± 25 ppm
3
=
± 20 ppm
Spread Spectrum:
A
=
±0.25% Center-Spread
B
=
±0.5% Center-Spread
C
=
±1.0% Center-Spread
D
=
±1.5% Center-Spread
E
=
±2.0% Center-Spread
F
=
±2.5% Center-Spread
G
=
–0.25% Down-Spread
H
=
–0.5% Down-Spread
I
=
–1.0% Down-Spread
J
=
–1.5% Down-Spread
K
=
–2.0% Down-Spread
L
=
–3.0% Down-Spread
M
=
Custom
Revision:
B
=
Revision A
Frequency:
xxx.xxxx = User-Defined Frequency between
001.0000 MHz and 100.0000 MHz
Media Type:
<blank>=
140/Tube (J Package Option)
<blank>=
100/Bag (M & H Package Option)
T
=
1,000/Reel
B
=
3,000/Reel
X
Pin 1
Definition
Note 1:
Media Type identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with different media options.
X
Output
Drive
Strength
X
Temp.
Range
X
Freq.
Stability
X
Revision
XXX.XXXX
Frequency
X
Media
Type
–
Examples:
a) DSA6312JI2DA-100.0000:
Ultra-Small, Ultra-Low Power MEMS Oscillator with
Spread Spectrum, Pin 1 = STDBY with Internal Pull-
Up, High Drive Strength, 4-Lead 2.5 mm x 2.0 mm
VLGA, Automotive Grade 3 Temperature, ±25 ppm
Stability, ±1.5% Center-Spread, Revision A, 100 MHz
Frequency, 140/Tube
b) DSA6301HA1LA-016.0000T:
Ultra-Small, Ultra-Low Power MEMS Oscillator with
Spread Spectrum, Pin 1 = OE with Internal Pull-Up,
Standard Drive Strength, 4-Lead 1.6 mm x 1.2 mm
VFLGA, Automotive Grade 1 Temperature, ±50 ppm
Stability, –3.0% Down-Spread, Revision A, 16 MHz
Frequency, 1,000/Reel
c) DSA6331ML2AA-050.5000B:
Ultra-Small, Ultra-Low Power MEMS Oscillator with
Spread Spectrum, Pin 1 = SSEN with Internal Pull-Up,
Standard Drive Strength, 4-Lead 2.0 mm x 1.6 mm
VFLGA, Automotive Grade 2 Temperature, ±25 ppm
Stability, ±0.25% Center-Spread, Revision A,
50.5 MHz Frequency, 3,000/Reel
X
Spread
Spectrum
Note 1: Please visit Microchip ClockWorks® Configurator Website to configure the part number for customized fre-
quency. http://clockworks.microchip.com/timing/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com