Electronic Components Datasheet Search
  English  ▼

X  

1751228 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751228
Description  SPTA 1,5/ 8-5,08
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751228 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751228 Datasheet HTML 1Page - PHOENIX CONTACT 1751228 Datasheet HTML 2Page - PHOENIX CONTACT 1751228 Datasheet HTML 3Page - PHOENIX CONTACT 1751228 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 9, 2011
Extract from the online
catalog
 
SPTA 1,5/ 8-5,08
Order No.: 1751228
The illustration shows the 10-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1751228
 
 
PC terminal block, Nominal current: 9 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 8, Type of connection: Spring-cage
conn., Mounting: Soldering, Conductor/PCB connection direction: 45 °,
Color: green
 
Commercial data
GTIN (EAN)
4
046356
318167
sales group
E060
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 107 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
09/19/2007
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
35.56 mm
Number of positions
8


Similar Part No. - 1751228

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751222 PHOENIX-1751222 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/15-3,5
More results

Similar Description - 1751228

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1744442 PHOENIX-1744442 Datasheet
102Kb / 5P
PCB terminal block - SPTA 1,5/ 3-5,08
1751163 PHOENIX-1751163 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 2-5,08
1751189 PHOENIX-1751189 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 4-5,08
1751192 PHOENIX-1751192 Datasheet
134Kb / 4P
SPTA 1,5/ 5-5,08
1751215 PHOENIX-1751215 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 7-5,08
1751231 PHOENIX-1751231 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 9-5,08
1751244 PHOENIX-1751244 Datasheet
102Kb / 5P
PCB terminal block - SPTA 1,5/10-5,08
1751257 PHOENIX-1751257 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/11-5,08
1751464 PHOENIX-1751464 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/12-5,08
1071208 PHOENIX-1071208 Datasheet
360Kb / 11P
SPTA-THR 1,5/ 8-5,08 R56 - PCB terminal block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com