Electronic Components Datasheet Search
  English  ▼

X  

1751235 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751235
Description  PCB terminal block - SMKDS 1/16-3,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751235 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751235 Datasheet HTML 1Page - PHOENIX CONTACT 1751235 Datasheet HTML 2Page - PHOENIX CONTACT 1751235 Datasheet HTML 3Page - PHOENIX CONTACT 1751235 Datasheet HTML 4Page - PHOENIX CONTACT 1751235 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/1751235
30.11.2012   Page 1 / 5
PCB terminal block - SMKDS 1/16-3,5 - 1751235
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PC terminal block, Nominal current: 10 A, Nom. voltage: 200 V, Pitch: 3.5 mm, Number of positions:
16, Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection
direction: 55 °, Color: green
The figure shows a 10-position
version of the product
Why buy this product
 Conductor and screwdriver axis at an angle of 55° to the usual direction
 Arrangement of several rows of terminal blocks one behind the other – multi-level effect with the same design height
 
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 77 (CC-2011)
GTIN
Custom tariff number
85369010
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
10 mm
Pitch
3.5 mm
Dimension a
52.5 mm
Number of positions
16
Pin dimensions
0,5 x 0,9 mm
Hole diameter
1.1 mm
Screw thread
M2
Tightening torque, min
0.22 Nm
Tightening torque max
0.25 Nm
Technical data
Range of articles
SMKDS 1
Insulating material group
I


Similar Part No. - 1751235

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751231 PHOENIX-1751231 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 9-5,08
More results

Similar Description - 1751235

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751112 PHOENIX-1751112 Datasheet
81Kb / 5P
PCB terminal block - SMKDS 1/ 4-3,5
1751125 PHOENIX-1751125 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 5-3,5
1751138 PHOENIX-1751138 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 6-3,5
1751141 PHOENIX-1751141 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/ 7-3,5
1751154 PHOENIX-1751154 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 8-3,5
1751170 PHOENIX-1751170 Datasheet
81Kb / 5P
PCB terminal block - SMKDS 1/10-3,5
1751183 PHOENIX-1751183 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/11-3,5
1751196 PHOENIX-1751196 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/12-3,5
1751206 PHOENIX-1751206 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/13-3,5
1751222 PHOENIX-1751222 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/15-3,5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com