Electronic Components Datasheet Search
  English  ▼

X  

1751244 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1751244
Description  PCB terminal block - SPTA 1,5/10-5,08
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751244 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1751244 Datasheet HTML 1Page - PHOENIX CONTACT 1751244 Datasheet HTML 2Page - PHOENIX CONTACT 1751244 Datasheet HTML 3Page - PHOENIX CONTACT 1751244 Datasheet HTML 4Page - PHOENIX CONTACT 1751244 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1751244
11/30/2015   Page 2 / 5
PCB terminal block - SPTA 1,5/10-5,08 - 1751244
Technical data
General
Range of articles
SPTA 1,5/
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
9 A
Nominal cross section
1.5 mm²
Maximum load current
9 A
Insulating material
PA
Solder pin surface
Sn
Flammability rating according to UL 94
V0
Stripping length
10 mm
Number of positions
10
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section flexible, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
1.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
1.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
16
Standards and Regulations
Connection in acc. with standard
EN-VDE
CUL
Flammability rating according to UL 94
V0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com