Electronic Components Datasheet Search
  English  ▼

X  

1751264 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751264
Description  MKDS 1/ 4-3,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751264 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751264 Datasheet HTML 1Page - PHOENIX CONTACT 1751264 Datasheet HTML 2Page - PHOENIX CONTACT 1751264 Datasheet HTML 3Page - PHOENIX CONTACT 1751264 Datasheet HTML 4Page - PHOENIX CONTACT 1751264 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 19, 2011
Extract from the online
catalog
 
MKDS 1/ 4-3,5
Order No.: 1751264
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1751264
 
 
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V,
Pitch: 3.5 mm, Number of positions: 4, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
0 °, Color: green
 
Commercial data
GTIN (EAN)
4
017918
028343
sales group
E000
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 53 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
7.3 mm
Height
8.5 mm
Width
7.3 mm


Similar Part No. - 1751264

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751202 PHOENIX-1751202 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1,5/ 6-5,08
1751206 PHOENIX-1751206 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/13-3,5
logo
List of Unclassifed Man...
1751210B1 ETC2-1751210B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN POWER SUPPLY CORD
logo
PHOENIX CONTACT
1751215 PHOENIX-1751215 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 7-5,08
1751219 PHOENIX-1751219 Datasheet
438Kb / 11P
SMKDS 1/14-3,5 - PCB terminal block
More results

Similar Description - 1751264

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751248 PHOENIX-1751248 Datasheet
141Kb / 5P
MKDS 1/ 2-3,5
1751251 PHOENIX-1751251 Datasheet
140Kb / 5P
MKDS 1/ 3-3,5
1751277 PHOENIX-1751277 Datasheet
165Kb / 5P
MKDS 1/ 5-3,5
1751280 PHOENIX-1751280 Datasheet
141Kb / 5P
MKDS 1/ 6-3,5
1751303 PHOENIX-1751303 Datasheet
141Kb / 5P
MKDS 1/ 8-3,5
1751329 PHOENIX-1751329 Datasheet
142Kb / 5P
MKDS 1/10-3,5
1751358 PHOENIX-1751358 Datasheet
141Kb / 5P
MKDS 1/13-3,5
1751387 PHOENIX-1751387 Datasheet
90Kb / 6P
PCB terminal block - MKDS 1/16-3,5
1800016 PHOENIX-1800016 Datasheet
78Kb / 2P
MKDS 1/ 5-3,5 BK
1818957 PHOENIX-1818957 Datasheet
41Kb / 2P
MKDS 1/ 2-3,5 HT BK R24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com