Electronic Components Datasheet Search
  English  ▼

X  

1751277 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1751277
Description  MKDS 1/ 5-3,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751277 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1751277 Datasheet HTML 1Page - PHOENIX CONTACT 1751277 Datasheet HTML 2Page - PHOENIX CONTACT 1751277 Datasheet HTML 3Page - PHOENIX CONTACT 1751277 Datasheet HTML 4Page - PHOENIX CONTACT 1751277 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MKDS 1/ 5-3,5 Order No.: 1751277
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1751277
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Jan 19, 2011
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
0.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
16
2 conductors with same cross section, solid min.
0.14 mm²
2 conductors with same cross section, solid max.
0.5 mm²
2 conductors with same cross section, stranded
min.
0.14 mm²
2 conductors with same cross section, stranded
max.
0.2 mm²
Minimum AWG according to UL/CUL
30
Maximum AWG according to UL/CUL
16
Certificates / Approvals
Certification
CB, CCA, CSA, CUL, GOST, SEV, UL
Accessories
Item
Designation
Description
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0804073
SK 3,5/2,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 10-section marker
strip, 14 identical decades marked 1-10, 11-20 etc. up to 91-100,
sufficient for 140 terminal blocks
0803883
SK U/2,8 WH:UNBEDRUCKT
Tools
1205037
SZS 0,4X2,5 VDE
Screwdriver, bladed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-
component grip, with non-slip grip



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com