Electronic Components Datasheet Search
  English  ▼

X  

1751387 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751387
Description  PCB terminal block - MKDS 1/16-3,5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751387 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751387 Datasheet HTML 1Page - PHOENIX CONTACT 1751387 Datasheet HTML 2Page - PHOENIX CONTACT 1751387 Datasheet HTML 3Page - PHOENIX CONTACT 1751387 Datasheet HTML 4Page - PHOENIX CONTACT 1751387 Datasheet HTML 5Page - PHOENIX CONTACT 1751387 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/1751387
18.10.2012   Page 1 / 6
PCB terminal block - MKDS 1/16-3,5 - 1751387
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PC terminal block, Nominal current: 10 A, Nom. voltage: 200 V, Pitch: 3.5 mm, Number of positions:
16, Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection
direction: 0 °, Color: green
The figure shows a 10-position
version of the product
Why buy this product
 Single-row type with horizontal connection direction
 
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 77 (CC-2011)
GTIN
Custom tariff number
85369010
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
7.3 mm
Pitch
3.5 mm
Dimension a
52.5 mm
Number of positions
16
Pin dimensions
0,5 x 0,9 mm
Hole diameter
1.1 mm
Screw thread
M2
Tightening torque, min
0.22 Nm
Tightening torque max
0.25 Nm
Technical data
Range of articles
MKDS 1
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV


Similar Part No. - 1751387

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1751380000 WEIDMULLER-1751380000 Datasheet
87Kb / 4P
BLIDCB 3.5/2 SN SW
1751380000 WEIDMULLER-1751380000 Datasheet
87Kb / 4P
BLIDCB 3.5/3 SN OR
1751380000 WEIDMULLER-1751380000 Datasheet
87Kb / 4P
BLIDCB 3.5/3 SN SW
1751380000 WEIDMULLER-1751380000 Datasheet
87Kb / 4P
BLIDCB 3.5/6 SN OR
1751380000 WEIDMULLER-1751380000 Datasheet
87Kb / 4P
BLIDCB 3.5/8 SN OR
More results

Similar Description - 1751387

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716933 PHOENIX-1716933 Datasheet
57Kb / 4P
PCB terminal block - MKDS 1/ 2-3,5 BK H0L
1751293 PHOENIX-1751293 Datasheet
85Kb / 6P
PCB terminal block - MKDS 1/ 7-3,5
1751316 PHOENIX-1751316 Datasheet
85Kb / 6P
PCB terminal block - MKDS 1/ 9-3,5
1751345 PHOENIX-1751345 Datasheet
94Kb / 6P
PCB terminal block - MKDS 1/12-3,5
1751361 PHOENIX-1751361 Datasheet
130Kb / 6P
PCB terminal block - MKDS 1/14-3,5
1800035 PHOENIX-1800035 Datasheet
57Kb / 4P
PCB terminal block - MKDS 1/16-3,5 BK
1985807 PHOENIX-1985807 Datasheet
345Kb / 9P
PCB terminal block - MKDS 1/ 2-3,5 HT BK
Sep 8, 2022
1984950 PHOENIX-1984950 Datasheet
348Kb / 9P
PCB terminal block - MKDS 1/ 3-3,5 HT BK
Dec 30, 2022
1751332 PHOENIX-1751332 Datasheet
469Kb / 12P
MKDS 1/11-3,5 - PCB terminal block
1751374 PHOENIX-1751374 Datasheet
468Kb / 12P
MKDS 1/15-3,5 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com