Electronic Components Datasheet Search
  English  ▼

X  

1751545 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751545
Description  PCB terminal block - SPTA 1,5/10-3,81
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751545 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751545 Datasheet HTML 1Page - PHOENIX CONTACT 1751545 Datasheet HTML 2Page - PHOENIX CONTACT 1751545 Datasheet HTML 3Page - PHOENIX CONTACT 1751545 Datasheet HTML 4Page - PHOENIX CONTACT 1751545 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1751545
03/27/2014   Page 1 / 5
PCB terminal block - SPTA 1,5/10-3,81 - 1751545
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PCB terminal block, Nominal current: 9 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 10,
Connection method: Spring-cage connection, Mounting: Soldering, Conductor/PCB connection direction: 45 °,
Color: green
Product Features
 Generously dimensioned labeling and printing area
 User-friendly and quick conductor connection using Push-in direct plug-in technology
 Easy operation when releasing the conductor via the orange actuating lever
 Large cable funnels for safely accommodating conductors up to 1.5 mm²
 Classic desk shape with double pinning for additional operational safety
 Different pitches can be combined depending on product range
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
6.54 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Pitch
3.81 mm
Dimension a
34.29 mm
Pin dimensions
0,6 x 1,0 mm
Pin spacing
7 mm
Hole diameter
1.1 mm
General
Range of articles
SPTA 1,5/


Similar Part No. - 1751545

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
175154 ERNI-175154 Datasheet
42Kb / 1P
MaxiBridge Standardkabelkonfektionen
More results

Similar Description - 1751545

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1743197 PHOENIX-1743197 Datasheet
81Kb / 5P
PCB terminal block - SPTA 1,5/11-3,81
1751477 PHOENIX-1751477 Datasheet
83Kb / 5P
PCB terminal block - SPTA 1,5/ 2-3,81
1751480 PHOENIX-1751480 Datasheet
83Kb / 5P
PCB terminal block - SPTA 1,5/ 3-3,81
1751493 PHOENIX-1751493 Datasheet
149Kb / 7P
PCB terminal block - SPTA 1,5/ 4-3,81
1751503 PHOENIX-1751503 Datasheet
81Kb / 5P
PCB terminal block - SPTA 1,5/ 5-3,81
1751529 PHOENIX-1751529 Datasheet
81Kb / 5P
PCB terminal block - SPTA 1,5/ 8-3,81
1751532 PHOENIX-1751532 Datasheet
81Kb / 5P
PCB terminal block - SPTA 1,5/ 9-3,81
1751516 PHOENIX-1751516 Datasheet
457Kb / 11P
PCB terminal block - SPTA 1,5/ 6-3,81
Jan 3, 2023
1743184 PHOENIX-1743184 Datasheet
460Kb / 11P
PCB terminal block - SPTA 1,5/ 7-3,81
1071190 PHOENIX-1071190 Datasheet
361Kb / 11P
SPTA-THR 1,5/12-3,81 R72 - PCB terminal block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com