Electronic Components Datasheet Search
  English  ▼

X  

1751565 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751565
Description  PCB terminal block - FFKDSA1/V1-5,08- 5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751565 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751565 Datasheet HTML 1Page - PHOENIX CONTACT 1751565 Datasheet HTML 2Page - PHOENIX CONTACT 1751565 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1751565
10/22/2014   Page 1 / 3
PCB terminal block - FFKDSA1/V1-5,08- 5 - 1751565
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 15 A, Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 5,
Connection method: Spring-cage connection, Mounting: Soldering, Conductor/PCB connection direction: 90 °,
Color: green
The illustration shows the 10-position
version
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
6.1 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
12.7 mm
Pitch
5.08 mm
Dimension a
20.32 mm
Pin dimensions
0,5 x 1 mm
Hole diameter
1.3 mm
General
Range of articles
FFKDS(A)/V1
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
320 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
15 A
Nominal cross section
1.5 mm²


Similar Part No. - 1751565

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
175156 ERNI-175156 Datasheet
42Kb / 1P
MaxiBridge Standardkabelkonfektionen
More results

Similar Description - 1751565

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700622 PHOENIX-1700622 Datasheet
92Kb / 4P
PCB terminal block - FFKDSA1/V1-5,08-11
1731718 PHOENIX-1731718 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-24
1751578 PHOENIX-1751578 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 9
1751581 PHOENIX-1751581 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-10
1751604 PHOENIX-1751604 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-14
1789113 PHOENIX-1789113 Datasheet
111Kb / 6P
PCB terminal block - FFKDSA1/V1-5,08- 4
1791790 PHOENIX-1791790 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 8
1791981 PHOENIX-1791981 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 7
1780662 PHOENIX-1780662 Datasheet
309Kb / 10P
PCB terminal block - FFKDSA1/V1-5,08- 6
Nov 30, 2022
1704376 PHOENIX-1704376 Datasheet
305Kb / 10P
PCB terminal block - FFKDSA1/V1-5,08- 3
Jan 5, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com