Electronic Components Datasheet Search
  English  ▼

X  

1751765 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751765
Description  PCB terminal block - PTSA 1,5/ 2-3,5-Z BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751765 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751765 Datasheet HTML 1Page - PHOENIX CONTACT 1751765 Datasheet HTML 2Page - PHOENIX CONTACT 1751765 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/1751765
30.11.2012   Page 1 / 3
PCB terminal block - PTSA 1,5/ 2-3,5-Z BK - 1751765
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PC terminal block, Nominal current: 2 A, Nom. voltage: 250 V, Pitch: 3.5 mm, Number of positions: 2,
Connection method: Spring-cage conn., Mounting: Soldering, Conductor/PCB connection direction:
45 °
Key commercial data
Packing unit
0
Minimum order quantity
250
GTIN
Custom tariff number
85369010
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
12 mm
Height
13.1 mm
Pitch
3.5 mm
Dimension a
3.5 mm
Number of positions
2
Pin dimensions
0,4 x 0,75 mm
Pin spacing
3.5 mm
Hole diameter
1 mm
Technical data
Range of articles
PTSA 1,5
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
200 V
Rated voltage (III/2)
250 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
2 A
Nominal cross section
1.5 mm²
Stripping length
9 mm
Connection data
Conductor cross section AWG/kcmil min.
20
Conductor cross section AWG/kcmil max
16


Similar Part No. - 1751765

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17517 FREESCALE-17517 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
logo
PHOENIX CONTACT
1751707 PHOENIX-1751707 Datasheet
41Kb / 2P
Printed-circuit board connector - ZEC 1,0/10-LPV-3,5 GY35AUC2CI1
logo
List of Unclassifed Man...
1751710B1 ETC2-1751710B1 Datasheet
57Kb / 2P
CORDSET
logo
PHOENIX CONTACT
1751723 PHOENIX-1751723 Datasheet
239Kb / 8P
ZFKDSA 1-V-3,81- 3 - PCB terminal block
logo
ERNI Electronics
175173 ERNI-175173 Datasheet
42Kb / 1P
MaxiBridge Standardkabelkonfektionen
More results

Similar Description - 1751765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701057 PHOENIX-1701057 Datasheet
54Kb / 3P
PCB terminal block - PTSA 1,5/ 2-3,5-Z YE
1701059 PHOENIX-1701059 Datasheet
53Kb / 3P
PCB terminal block - PTSA 1,5/ 2-3,5-Z SVT
1745182 PHOENIX-1745182 Datasheet
55Kb / 4P
PCB terminal block - PTSA 1,5/ 2-3,5-Z BU
1745195 PHOENIX-1745195 Datasheet
45Kb / 3P
PCB terminal block - PTSA 1,5/ 2-3,5-Z OG
1985357 PHOENIX-1985357 Datasheet
143Kb / 8P
PCB terminal block - PTSA 1,5/18-3,5-Z
1994513 PHOENIX-1994513 Datasheet
55Kb / 4P
PCB terminal block - PTSA 1,5/ 2-3,5-Z GY
1985205 PHOENIX-1985205 Datasheet
141Kb / 10P
PCB terminal block - PTSA 1,5/ 3-3,5-Z
09/12/2020
1985263 PHOENIX-1985263 Datasheet
140Kb / 10P
PCB terminal block - PTSA 1,5/ 9-3,5-Z
09/12/2020
1985195 PHOENIX-1985195 Datasheet
374Kb / 11P
PCB terminal block - PTSA 1,5/ 2-3,5-Z
Jun 29, 2022
1985328 PHOENIX-1985328 Datasheet
287Kb / 9P
PCB terminal block - PTSA 1,5/15-3,5-Z
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com