Electronic Components Datasheet Search
  English  ▼

X  

1752230 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752230
Description  PCB terminal block - SPTA 1/ 4-5,0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752230 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752230 Datasheet HTML 1Page - PHOENIX CONTACT 1752230 Datasheet HTML 2Page - PHOENIX CONTACT 1752230 Datasheet HTML 3Page - PHOENIX CONTACT 1752230 Datasheet HTML 4Page - PHOENIX CONTACT 1752230 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/1752230
01/10/2020   Page 1 / 5
PCB terminal block - SPTA 1/ 4-5,0 - 1752230
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, nominal current: 9 A, rated voltage (III/2): 320 V, Nominal cross section: 1 mm², pitch:
5 mm, number of positions: 4, connection method: Push-in spring connection, mounting: Wave soldering,
conductor/PCB connection direction: 65 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm
The figure shows the 10-position
version
Your advantages
 Time saving push-in connection, tools not required
 Defined contact force ensures that contact remains stable over the long term
 Intuitive use through colour coded actuation lever
 Angled connection enables multi-row arrangement on the PCB
 Quick and convenient testing using integrated test option
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356321082
Technical data
Item properties
Brief article description
PCB terminal block
Range of articles
SPTA 1/
Pitch
5 mm
Number of positions
4
Connection method
Push-in spring connection
Mounting type
Wave soldering
Pin layout
Linear pinning
Number of levels
1
Number of connections
4
Number of potentials
4


Similar Part No. - 1752230

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752201 PHOENIX-1752201 Datasheet
123Kb / 6P
PCB terminal block - SPTA 1/12-3,5
1752205 PHOENIX-1752205 Datasheet
127Kb / 6P
Printed-circuit board connector - MSTB 2,5/ 3-ST BK AU
logo
TE Connectivity Ltd
175221-1 TEC-175221-1 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
logo
PHOENIX CONTACT
1752214 PHOENIX-1752214 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 2-5,0
Sep 8, 2022
1752218 PHOENIX-1752218 Datasheet
114Kb / 3P
MSTB 2,5/ 3-ST-5,08 AU
More results

Similar Description - 1752230

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752269 PHOENIX-1752269 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 7-5,0
1752272 PHOENIX-1752272 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 8-5,0
1752285 PHOENIX-1752285 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 9-5,0
1752308 PHOENIX-1752308 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/11-5,0
1752311 PHOENIX-1752311 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/12-5,0
1752214 PHOENIX-1752214 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 2-5,0
Sep 8, 2022
1752256 PHOENIX-1752256 Datasheet
441Kb / 11P
PCB terminal block - SPTA 1/ 6-5,0
Jan 3, 2023
1752227 PHOENIX-1752227 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 3-5,0
1752243 PHOENIX-1752243 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 5-5,0
1752298 PHOENIX-1752298 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/10-5,0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com