Electronic Components Datasheet Search
  English  ▼

X  

1752272 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752272
Description  PCB connection terminal block - SPTA 1/ 8-5,0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752272 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752272 Datasheet HTML 1Page - PHOENIX CONTACT 1752272 Datasheet HTML 2Page - PHOENIX CONTACT 1752272 Datasheet HTML 3Page - PHOENIX CONTACT 1752272 Datasheet HTML 4Page - PHOENIX CONTACT 1752272 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1752272
03/28/2014   Page 1 / 5
PCB connection terminal block - SPTA 1/ 8-5,0 - 1752272
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PCB terminal block, Nominal current: 9 A, Nom. voltage: 320 V, Pitch: 5 mm, Number of positions: 8, Connection
method: Spring-cage connection, Mounting: Soldering, Conductor/PCB connection direction: 45 °, Color: green
The illustration shows the 10-position
version
Product Features
 Compact design with a depth of just 10 mm
 Arrangement over several rows possible for high packing densities
 Drilling diagram and dimensions are the same shape as the proven SMKDS 1 screw solution
 Easy operation when releasing the conductor via the orange actuating lever
 User-friendly and quick conductor connection using Push-in direct plug-in technology
 Different pitches can be combined depending on product range
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
4.2 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
10 mm
Pitch
5 mm
Dimension a
35 mm
Pin dimensions
0,6 x 1,0 mm
Pin spacing
5 mm
Hole diameter
1.1 mm


Similar Part No. - 1752272

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752276 PHOENIX-1752276 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-G-5,08 AU
More results

Similar Description - 1752272

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752162 PHOENIX-1752162 Datasheet
78Kb / 5P
PCB connection terminal block - SPTA 1/ 8-3,5
1752230 PHOENIX-1752230 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/ 4-5,0
1752269 PHOENIX-1752269 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 7-5,0
1752285 PHOENIX-1752285 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 9-5,0
1752308 PHOENIX-1752308 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/11-5,0
1752311 PHOENIX-1752311 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/12-5,0
1752214 PHOENIX-1752214 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 2-5,0
Sep 8, 2022
1752256 PHOENIX-1752256 Datasheet
441Kb / 11P
PCB terminal block - SPTA 1/ 6-5,0
Jan 3, 2023
1752227 PHOENIX-1752227 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 3-5,0
1752243 PHOENIX-1752243 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 5-5,0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com