Electronic Components Datasheet Search
  English  ▼

X  

1753828 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753828
Description  PCB terminal block - ZFKDSA 1,5-W-5,08-13
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753828 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753828 Datasheet HTML 1Page - PHOENIX CONTACT 1753828 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1753828
03/27/2014   Page 1 / 2
PCB terminal block - ZFKDSA 1,5-W-5,08-13 - 1753828
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PCB terminal block, Nominal current: 16 A, Nom. voltage: 400 V, Pitch: 5.08 mm, Number of positions: 13,
Connection method: Spring-cage connection, Mounting: Soldering, Color: green
The illustration shows the 10-position
version
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
16.76 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
60.96 mm
General
Range of articles
ZFKDS(A) 1,5-W
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Nominal current IN
16 A
Nominal cross section
1.5 mm²
Maximum load current
16 A
Insulating material
PA


Similar Part No. - 1753828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17538 ETC2-17538 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Festo Corporation.
175380 FESTO-175380 Datasheet
86Kb / 1P
Plug
logo
PHOENIX CONTACT
1753802 PHOENIX-1753802 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08- 5
1753815 PHOENIX-1753815 Datasheet
96Kb / 4P
PCB terminal block - ZFKDSA 1,5-W-5,08- 7
1753819 PHOENIX-1753819 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/21-G
More results

Similar Description - 1753828

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1725584 PHOENIX-1725584 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08-16
1753802 PHOENIX-1753802 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08- 5
1753815 PHOENIX-1753815 Datasheet
96Kb / 4P
PCB terminal block - ZFKDSA 1,5-W-5,08- 7
1753831 PHOENIX-1753831 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08-14
1890743 PHOENIX-1890743 Datasheet
97Kb / 4P
PCB terminal block - ZFKDSA 1,5-W-5,08- 2
1904558 PHOENIX-1904558 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08- 3
1906268 PHOENIX-1906268 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08- 4
1891496 PHOENIX-1891496 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 4
09/12/2020
1995512 PHOENIX-1995512 Datasheet
244Kb / 8P
ZFKDSA 1,5-5,08- 5 - PCB terminal block
1891454 PHOENIX-1891454 Datasheet
240Kb / 8P
ZFKDSA 1,5-W-5,08-10 - PCB terminal block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com