Electronic Components Datasheet Search
  English  ▼

X  

1757549 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1757549
Description  PCB terminal block - SMKDSP 1,5/16
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757549 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1757549 Datasheet HTML 1Page - PHOENIX CONTACT 1757549 Datasheet HTML 2Page - PHOENIX CONTACT 1757549 Datasheet HTML 3Page - PHOENIX CONTACT 1757549 Datasheet HTML 4Page - PHOENIX CONTACT 1757549 Datasheet HTML 5Page - PHOENIX CONTACT 1757549 Datasheet HTML 6Page - PHOENIX CONTACT 1757549 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1757549
01/10/2020   Page 3 / 7
PCB terminal block - SMKDSP 1,5/16 - 1757549
Technical data
Dimensions for the product
Length [ l ]
13.4 mm
Width [ w ]
80 mm
Height [ h ]
18.6 mm
Pitch
5 mm
Height (without solder pin)
15.3 mm
Solder pin [P]
3.5 mm
Pin dimensions
0.9 x 0.9 mm
Dimension a
75 mm
Dimensions for PCB design
Hole diameter
1.3 mm
Packaging information
Type of packaging
packed in cardboard
Pieces per package
50
Denomination packing units
Pcs.
General product information
Type of note
Note on application
Note
For safe conductor connection, always adhere to a defined tightening
torque. Particularly in the case of PCB terminal blocks with two or
three positions, the individual solder pin for each contact point cannot
compensate for this. That is why the terminal blocks must be supported
during conductor connection (held with one hand, support on the
housing).
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 100 °C (Depending on the current carrying capacity/derating
curve)
Termination and connection method
Test for conductor damage and slackening
IEC 60999-1:1990-05
Test passed
Pull-out test
Pull-out test
IEC 60999-1:1990-05
Test passed
Conductor cross section / conductor type / tensile force
0.14 mm² / solid / > 7 N
0.14 mm² / flexible / > 7 N
2.5 mm² / solid / > 50 N
1.5 mm² / flexible / > 40 N
Electrical tests
Rated current
17.5 A
Conductor cross section
1.5 mm²



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com