Electronic Components Datasheet Search
  English  ▼

X  

VC6050 Datasheet(PDF) 1 Page - Tallysman Wireless Inc.

Part # VC6050
Description  VC6050 High Precision Full GNSS Spectrum Choke Ring Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALLYSMAN [Tallysman Wireless Inc.]
Direct Link  https://www.tallysman.com/
Logo TALLYSMAN - Tallysman Wireless Inc.

VC6050 Datasheet(HTML) 1 Page - Tallysman Wireless Inc.

  VC6050 Datasheet HTML 1Page - Tallysman Wireless Inc. VC6050 Datasheet HTML 2Page - Tallysman Wireless Inc. VC6050 Datasheet HTML 3Page - Tallysman Wireless Inc. VC6050 Datasheet HTML 4Page - Tallysman Wireless Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revision:
About Tallysman: With global headquarters and manufacturing in Ottawa, Canada, Tallysman is a leading manufacturer of
high-precision antennas and components for Global Navigation Satellite System (GNSS) applications. Tallysman’s mission is
to support the needs of a new generation of positioning systems by delivering unprecedented antenna precision at
competitive prices. Learn more at www.tallysman.com
Contact us:
info@tallysman.com
T: +1 613 591-3131
VC6050
1.2
The patented VeraChoke 6050 antenna is a full GNSS spectrum
antenna. It has consistent performance (gain, axial ratio, PCV, and
PCO) across the full bandwidth of the antenna. It provides the lowest
axial ratios (horizon to horizon, over all azimuths) across all GNSS
frequencies (<0.3 dB at zenith, <3 dB typ. at horizon). It has an
exceptional front to back ratios, high efficiency (>80%), a tight PCV,
and near constant PCO for all azimuth and elevation angles, over all in-
band frequencies.
The VC6050 provides high receive gain over the full GNSS spectrum:
Low GNSS band (1164 MHz to 1300 MHz), L-band correction services
(1525 MHz to 1559 MHz) and High GNSS band (1559 MHz to 1610 MHz).
It has a robust pre-filtered LNA, with high IP3 to minimize de-sensing
from high-level outof-band signals, including 700MHz LTE, while still
providing a low noise figure.
The antenna is compatible with both large and small SCIGN radomes.
Overview
When precision matters.®
VC6050 High Precision Full GNSS Spectrum Choke Ring Antenna
Frequency Coverage:
L1/L2/L5/G1/G2/G3/E1/E5/E6/B1/B2/B3 + L-Band
Applications
Features
Benefits
• Survey
• RTK / PPP systems
• High Precision GNSS systems
• Reference Networks
• Monitoring Stations
• Low axial ratios from horizon to horizon
• Geo ++ Calibrated
• Very tight Phase Center Variation (<1mm)
• Low current (45mA)
• Invariant performance from: +2.7 to 24 VDC
• Consistent performance across all
frequencies
• Extreme precision
• Excellent multipath rejection
• IP67, REACH, and RoHS compliant


Similar Part No. - VC6050

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VC60 NJSEMI-VC60 Datasheet
528Kb / 1P
HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
VC60X NJSEMI-VC60X Datasheet
528Kb / 1P
HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
logo
France Joint
VC60X72X6 FRANCEJOINT-VC60X72X6 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
VC60X75X6 FRANCEJOINT-VC60X75X6 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
More results

Similar Description - VC6050

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3908B0100 PULSE-W3908B0100 Datasheet
511Kb / 9P
GNSS FPC Antenna
logo
Tallysman Wireless Inc.
6000 TALLYSMAN-6000 Datasheet
575Kb / 4P
High Precision Full GNSS Spectrum Antenna
6100 TALLYSMAN-6100 Datasheet
654Kb / 4P
High Precision Full GNSS Spectrum Antenna
6300 TALLYSMAN-6300 Datasheet
373Kb / 3P
High Precision Triple Band GNSS Antenna
VP6050 TALLYSMAN-VP6050 Datasheet
604Kb / 4P
VeraPhase 6050 High Precision Full Spectrum GNSS Antenna L Band
logo
Mitsumi Electronics, Co...
GPA-GS200 MITSUMI-GPA-GS200 Datasheet
119Kb / 2P
GNSS Antenna
GPA-GS250 MITSUMI-GPA-GS250 Datasheet
67Kb / 2P
GNSS Antenna
logo
TE Connectivity Ltd
2195766-1 TEC-2195766-1 Datasheet
4Mb / 3P
GNSS ANTENNA L1/L2 HIGH PRECISION STACKED PASSIVE PATCH ANTENNA, PIN TYPE
2195767-1 TEC-2195767-1 Datasheet
3Mb / 3P
GNSS ANTENNA L1/L2 HIGH PRECISION STACKED PASSIVE PATCH ANTENNA, PIN TYPE
logo
Suzhou Maswell Communic...
AN_GNSS_401 MASWELL-AN_GNSS_401 Datasheet
390Kb / 3P
GNSS IP67 Waterproof GNSS High Gain Positioning Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com