Electronic Components Datasheet Search
  English  ▼

X  

0804303 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804303
Description  MFKDSP/ 4-5,08
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804303 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804303 Datasheet HTML 1Page - PHOENIX CONTACT 0804303 Datasheet HTML 2Page - PHOENIX CONTACT 0804303 Datasheet HTML 3Page - PHOENIX CONTACT 0804303 Datasheet HTML 4Page - PHOENIX CONTACT 0804303 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Mar 19, 2010
Extract from the online
catalog
 
MFKDSP/ 4-5,08
Order No.: 1790649
The illustration shows the 5-pos. version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1790649
 
 
PC terminal block, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 4, Type of connection: Spring-cage
conn., Assembly: Soldering, Conductor/PCB connection direction: 45
°, Color: green
 
Commercial data
EAN
4017918044428
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.00468 KG
Catalog page information
Page 120 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
16.2 mm
Pitch
5.08 mm
Dimension a
15.24 mm


Similar Part No. - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804303 PHOENIX-0804303 Datasheet
80Kb / 3P
SK 5,08/3,8: 0-9
0804303 PHOENIX-0804303 Datasheet
144Kb / 6P
MKDS 3/ 4-5,08
0804303 PHOENIX-0804303 Datasheet
147Kb / 6P
MK3DS 3/ 2-5,08
0804303 PHOENIX-0804303 Datasheet
149Kb / 6P
MK3DS 3/ 3-5,08
0804303 PHOENIX-0804303 Datasheet
76Kb / 3P
ZFKDSA 2,5-6,08 R
More results

Similar Description - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1712805 PHOENIX-1712805 Datasheet
144Kb / 6P
MKDS 3/ 4-5,08
1713040 PHOENIX-1713040 Datasheet
139Kb / 5P
SMKDS 3/ 4-5,08
1715747 PHOENIX-1715747 Datasheet
143Kb / 6P
MKDS 1,5/ 4-5,08
1730638 PHOENIX-1730638 Datasheet
204Kb / 6P
EMKDS 2,5/ 4-5,08
1733596 PHOENIX-1733596 Datasheet
145Kb / 6P
SMKDSP 1,5/ 4-5,08
1790283 PHOENIX-1790283 Datasheet
87Kb / 5P
PCB terminal block - MFKDSP/ 2-5,08
1790296 PHOENIX-1790296 Datasheet
87Kb / 5P
PCB terminal block - MFKDSP/ 3-5,08
1791884 PHOENIX-1791884 Datasheet
121Kb / 5P
PCB terminal block - MFKDSP/ 6-5,08
1869237 PHOENIX-1869237 Datasheet
140Kb / 5P
SMKDSN 1,5/ 4-5,08
1906776 PHOENIX-1906776 Datasheet
74Kb / 4P
PCB terminal block - MFKDSP/ 5-5,08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com