Electronic Components Datasheet Search
  English  ▼

X  

SP5U60SL Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SP5U60SL
Description  SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SP5U60SL Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  SP5U60SL Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SP5U60SL Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SP5U60SL Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTCS(TA=25℃ Unless otherwise noted)
THERMAL CHARACTERISTCS
Parameter
Typical thermal resistance
R JA
R JL
60.0
3.0
℃/W
Symbol
Unit
TO-277
3)
AVAILABALE PACK INFORMATION
JINAN JINGHENG ELECTRONICS CO., LTD.
3-2
RATINGS AND CHARACTERISTIC OF SP5U60SL
Notes: 1.Pulse test: 300 μs pulse width,1% duty cycle
2.Pulse test: pulse width≤40ms
3 Units mounted on recommended PCB 1 oz. Pad layout
Parameter
Test Conditions
Symbol
TYP.
MAX.
Unit
Instaneous forward voltage
IF=5.0A
TA= 25℃
TA= 100℃
Reverse current
VR=60V
TA= 25℃
TA= 100℃
VF
IR
0.46
0.49
V
60
150
μA
mA
5
10
Typical junction capacitance
4V,1MHz
CJ
pF
1)
2)
TA= 125℃
TA= 125℃
0.43
0.45
-
15
50
370
TA= 25℃
TA= 100℃
TA= 125℃
IF=3.0A
0.40
0.37
0.35
-
-
-
-
HTTP://WWW.JINGHENG.CN
Product code
Carton Size
L×W×H
(
mm)
Quantity
(
pcs/reel)
Reel Size
(
mm)
Quantity
(box/carton)
SP5U60SL-TO-277
338×338×40
5000
φ330
2
T/R
Pack
Box Size
L×W×H
(
mm)
Quantity
(
reel/box)
365×365×360
7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com