Electronic Components Datasheet Search
  English  ▼

X  

SP5U100SL Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SP5U100SL
Description  SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SP5U100SL Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SP5U100SL Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SP5U100SL Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SP5U100SL Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
SP5U100SL
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 100Volts
Forward Current - 5.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS
Case: TO-277 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,method 2026
Mounting Position: Any
Weight: 0.092 grams(approx)
(Ratings at 25℃ ambient temperature unless otherwise specified )
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,low forward voltage drop
High surge capability
Very low profile-typical height of 1.1mm
Ideal for automated placement
High temperature soldering guaranteed:260℃/10 seconds at terminals
Component in accordance to RoHS 2011/65/EU
S E M I C O N D U C T O R
Maximum repetitive peak reverse voltage
VRRM
V
A
A
IF(AV)
IFSM
Tstg
TJ
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method at rated TL)
5.0
150
-55 to+150
-55 to+150
℃
℃
100
Symbol
Unit
Value
TYPICAL APPLICATIONS
For use in low voltage ,high frequency inverters ,DC/DC converters,
free wheeling ,and polarity protection applications
Parameter
TO-277
Dimensions in inches and (millimetrers)
8 0 °
0.55±0.1
0.85±0.05
L
1 .25±0.1
5 .38±0.1
6 .5±0.15
K
Anode1
Anode1
Cathode
3.55±0.3
Pb
RoHS
COMPLIANT
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP://WWW.JINGHENG.CN
3-1


Similar Part No. - SP5U100SL

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SP5U100 JINANJINGHENG-SP5U100 Datasheet
60Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP5U100-TO-277 JINANJINGHENG-SP5U100-TO-277 Datasheet
60Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP5U100L JINANJINGHENG-SP5U100L Datasheet
58Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SP5U100L JINGHENG-SP5U100L Datasheet
607Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SP5U100L LEIDITECH-SP5U100L Datasheet
648Kb / 3P
LOW VF Schottk-y BARRIER RECTIFIER
More results

Similar Description - SP5U100SL

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR340SL JINANJINGHENG-SR340SL Datasheet
62Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SP5U60SL JINGHENG-SP5U60SL Datasheet
611Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP10U60SL JINGHENG-SP10U60SL Datasheet
623Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP10U100SL JINGHENG-SP10U100SL Datasheet
631Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP10U150SL JINGHENG-SP10U150SL Datasheet
688Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP15U45SL JINGHENG-SP15U45SL Datasheet
616Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP15U50SL JINGHENG-SP15U50SL Datasheet
615Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP15U60SL JINGHENG-SP15U60SL Datasheet
610Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP30U100L JINGHENG-SP30U100L Datasheet
619Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SS56SLS JINGHENG-SS56SLS Datasheet
501Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com