Electronic Components Datasheet Search
  English  ▼

X  

0804853 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804853
Description  FFKDS/V-2,54
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804853 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804853 Datasheet HTML 1Page - PHOENIX CONTACT 0804853 Datasheet HTML 2Page - PHOENIX CONTACT 0804853 Datasheet HTML 3Page - PHOENIX CONTACT 0804853 Datasheet HTML 4Page - PHOENIX CONTACT 0804853 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Mar 5, 2010
Extract from the online
catalog
 
FFKDS/V-2,54
Order No.: 1791813
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1791813
 
 
PC terminal block, Nominal current: 6 A, Nom. voltage: 63 V, Pitch:
2.54 mm, Number of positions: 1, Type of connection: Spring-cage
conn., Assembly: Soldering, Conductor/PCB connection direction: 90
°, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
EAN
4017918044442
Pack
100 pcs.
Customs tariff
85369010
Weight/Piece
0.000555 KG
Catalog page information
Page 113 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
12.6 mm
Pitch
2.54 mm
Number of positions
1


Similar Part No. - 0804853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804853 PHOENIX-0804853 Datasheet
143Kb / 5P
FFKDS/H-2,54
0804853 PHOENIX-0804853 Datasheet
162Kb / 5P
FK-MC 0,5/ 2-ST-2,5
0804853 PHOENIX-0804853 Datasheet
163Kb / 5P
FK-MC 0,5/ 3-ST-2,5
0804853 PHOENIX-0804853 Datasheet
163Kb / 5P
FK-MC 0,5/ 4-ST-2,5
0804853 PHOENIX-0804853 Datasheet
162Kb / 5P
FK-MC 0,5/ 5-ST-2,5
More results

Similar Description - 0804853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1780950 PHOENIX-1780950 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-12
1789485 PHOENIX-1789485 Datasheet
78Kb / 2P
FFKDSA1/V-2,54- 7
1789647 PHOENIX-1789647 Datasheet
83Kb / 5P
PCB terminal block - FFKDS/V-3,81
1789650 PHOENIX-1789650 Datasheet
83Kb / 5P
PCB terminal block - FFKDS/H-3,81
1790319 PHOENIX-1790319 Datasheet
137Kb / 5P
FFKDS/V1-5,08
1790335 PHOENIX-1790335 Datasheet
141Kb / 5P
FFKDS/H1-5,08
1790348 PHOENIX-1790348 Datasheet
136Kb / 5P
FFKDS/V2-5,08
1791826 PHOENIX-1791826 Datasheet
143Kb / 5P
FFKDS/H-2,54
1859275 PHOENIX-1859275 Datasheet
94Kb / 3P
FFKDSA1/V-2,54- 5 YE/GY PA1,2
11/05/2018
1790461 PHOENIX-1790461 Datasheet
357Kb / 9P
PCB terminal block - FFKDS/H2-5,08
Jan 10, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com