Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 21 Page - Intersil Corporation

Part # X4643
Description  CPU Supervidor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4643 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button X4643 Datasheet HTML 13Page - Intersil Corporation X4643 Datasheet HTML 14Page - Intersil Corporation X4643 Datasheet HTML 15Page - Intersil Corporation X4643 Datasheet HTML 16Page - Intersil Corporation X4643 Datasheet HTML 17Page - Intersil Corporation X4643 Datasheet HTML 18Page - Intersil Corporation X4643 Datasheet HTML 19Page - Intersil Corporation X4643 Datasheet HTML 20Page - Intersil Corporation X4643 Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8123.0
March 29, 2005
Ordering Information
Part Mark Information
VCC
Range
VTRIP
Range
Package
Operating
Temperature Range
Part Number RESET
(Active LOW)
Part Number RESET
(Active HIGH)
4.5-5.5V
4.5-4.75
8L SOIC
0°C-70°C
X4643S8-4.5A
X4645S8-4.5A
-40°C-85°C
X4643S8I-4.5A
X4645S8I-4.5A
8L TSSOP
0°C-70°C
X4643V8-4.5A
X4645V8-4.5A
-40°C-85°C
X4643V8I-4.5A
X4645V8I-4.5A
4.5-5.5V
4.25-4.5
8L SOIC
0°C-70°C
X4643S8
X4645S8
-40°C-85°C
X4643S8I
X4645S8I
8L TSSOP
0°C-70°C
X4643V8
X4645V8
-40°C-85°C
X4643V8I
X4645V8I
2.7-5.5V
2.85-3.0
8L SOIC
0°C-70°C
X4643S8-2.7A
X4645S8-2.7A
-40°C-85°C
X4643S8I-2.7A
X4645S8I-2.7A
8LTSSOP
0°C-70°C
X4643V8-2.7A
X4645V8-2.7A
-40°C-85°C
X4643V8I-2.7A
X4645V8I-2.7A
2.7-5.5V
2.55-2.7
8L SOIC
0°C–70°C
X4643S8-2.7
X4645S8-2.7
-40°C-85°C
X4643S8I-2.7
X4645S8I-2.7
8L TSSOP
0°C-70°C
X4643V8-2.7
X4645V8-2.7
-40°C-85°C
X4643V8I-2.7
X4645V8I-2.7
8-Lead TSSOP
EYWW
XXXXX
8-Lead SOIC/PDIP
X4643/5 X
XX
Blank = 8-Lead SOIC
ADB/ADK = -4.5A (0 to +70°C)
ADD/ADM = No Suffix (0 to +70°C)
ADF/ADO = -2.7A (0 to +70°C)
ADH/ADQ= -2.7 (0 to +70°C)
4283/4285
F = -2.7 (0 to +70°C)
G = -2.7 (-40 to +85°C)
Blank = No Suffix (0 to +70°C)
I = No Suffix (-40 to +85°C)
AN = -2.7A (0 to +70°C)
AP = -2.7A (-40 to +85°C)
AL = -4.5A (0 to +70°C)
AM = -4.5A (-40 to +85°C)
X4643, X4645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com