Electronic Components Datasheet Search
  English  ▼

X  

SAM-1 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SAM-1
Description  FREQUENCY MIXERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAM-1 Datasheet(HTML) 1 Page - Mini-Circuits

  SAM-1 Datasheet HTML 1Page - Mini-Circuits SAM-1 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
92
SRA
o ASK-1l
1-600
DC-600
5.58
.06
7.0
8.5
50 30
35 25
30 20
45
35
30
20
25 15
W38
w
6.95
ROSE-1
1-600
DC-600
5.08
.03
6.5
7.5
40 30
35 25
30 20
55
40
40
20
25 18
PP94
ab
12.95
ROSE-2
1-1000
DC-1000
5.60
.23
7.0
8.0
61 45
37 22
25 18
55
40
26
17
16 12
PP94
ab
18.95
SAM-1
1-600
DC-600
5.67
.05
7.0
8.5
55 45
45 30
35 20
50
40
40
25
30 20
A03
e
18.95
SRA-1
.5-500
DC-500
5.11
.09
7.0
8.5
50 45
45 30
35 25
45
35
40
25
30 20
A01
e
14.45
SRA-1W
1-750
DC-750
5.80
.04
7.5
8.5
50 45
45 30
35 25
45
30
40
25
30 20
A01
f
17.95
SRA-1-1
.1-500
DC-500
4.81
.11
7.5
8.5
50 45
45 30
35 25
45
30
40
25
30 20
A01
e
15.95
SRA-2
1-1000
.5-500
5.66
.07
7.5
8.5
45 30
35 20
30 20
45
30
30
20
30 20
A01
j
17.95
SRA-2CM
5-1000
DC-1000
5.27
.04
7.0
8.5
60 50
35 30
30 25
50
45
30
25
25 20
A01
f
15.95
SRA-3
.025-200
DC-200
4.61
.06
7.5
8.5
60 50
45 35
35 25
45
35
40
30
30 20
A01
e
17.95
SRA-5
5-1500
10-600
6.69
.07
8.0
8.5
50 45
35 30
30 20
45
40
30
25
25 15
A06
m
26.95
SRA-6
.003-100
DC-100
4.58
.05
7.5
8.5
60 50
45 30
35 25
60
45
40
25
30 20
A01
d
26.95
SRA-8
.0005-10
DC-10
5.69
.11
7.5
8.5
60 50
50 40
45 35
60
50
50
40
45 35
A01
d
31.95
SRA-11
5-2000
10-600
6.72
.07
8.5
9.0
50 45
35 25
30 20
45
40
30
20
25 15
A06
m
22.95
SRA-12
800-1250
50-90
6.21
.13
7.5
7.5
32 25
35 25
35 25
30
20
30
20
30 20
A06
m
31.95
SRA-2000
100-2000
DC-600
8.60
.15
9.5
9.5
37 (Typ.) 20 (Min.)
30 (Typ.) 20 (Min.)
A06
m
23.95
SRA-2400
750-2400
DC-400
5.95
.26
9.0
9.0
30 20
30 20
30 20
30
8
30
8
30
8
A06
s
24.95
SRA-3500**
500-3500
DC-1000
7.28
.31
9.5
9.5
30 17
30 17
30 17
20
8
20
8
20
8
A06
s
30.95
o SBL-1
1-500
DC-500
5.60
.09
7.0
8.0
60 45
45 35
40 25
45
35
40
25
30 20
A06
d
5.75
o SBL-1X
10-1000
5-500
5.88
.10
7.5
8.0
50 40
40 30
30 20
50
45
40
35
35 25
A06
j
7.45
o SBL-1-1
0.1-400
DC-400
4.84
.04
7.0
8.0
50 45
45 30
35 25
45
30
40
25
30 20
A06
d
8.45
o SBL-3
.025-200
DC-200
4.81
.05
7.5
8.5
55 50
45 30
35 25
45
35
40
30
30 20
A06
e
8.45
o SBL-11
5-2000
10-600
7.08
.11
8.5
9.0
50 45
35 25
30 20
45
40
30
20
25 15
A06
m
21.95
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = mid band [2f
L to fU/2]
NSN GUIDE
MCL NO.
NSN MIL-M-28837/1*
ASK-1
5895-01-320-0366
SAM-1
5895-01-117-2926
SAM-2
5895-01-165-6621
SAM-3
5895-01-062-9973
SBL-1
5895-01-126-4913
SBL-1X
5895-01-179-8084
SRA-1
5895-00-008-8272 03
SRA-1-1
5962-01-113-5431
SRA-1W
5895-01-163-0433 09
SRA-3
5895-01-021-5914
SRA-6
5895-01-124-0117
SRA-8
5985-01-081-0977
SRA-11
5895-01-273-0883
SBL-3
5895-01-326-6030
TAK-5
5895-01-271-0842
TAK-6
5895-01-231-2372
TFM-2
5895-01-135-1852
TFM-3
5895-01-112-0031
TFM-4
5895-01-317-9388
TFM-11
5895-01-409-1158
TFM-12
5895-01-179-5686
TSM-3
5895-01-373-2444
SBL
NOTES:
_
x
Average of conversion loss at center of mid-band frequency (f
L+fU/4)
σ
Standard deviation
o
Non-hermetic
=
Phase detection, positive polarity
l
ASK plug-in mounting case X65
ll
Below 10°C, f
L is 0.2 MHz.
*
Conversion loss 9.5 dB maximum from 0.01 to 0.015 MHz
**
Conversion loss 10dB maximum at IF=1000 MHz
*** Blue bead pin 4
A.
General Quality Control Procedures, Environmental Specifications,
Hi-Rel and MIL description are given in section 0, see “Mini-Circuits
Guarantees Quality” article.
B.
Connector types and case mounted options, case finishes are given
in section 0, see “Case Styles & Outline Drawings”.
C.
Prices and Specifications subject to change without notice.
1.
Absolute maximum power, voltage and current ratings:
1a.
RF power, 50 mW
1b.
Peak IF current, 40 mA
+7 dBm LO, up to +1 dBm RF
ASK-W38
ASK-X65
SAM
ROSE
C
O
N
N
E
C
T
I
O
N
L
Typ. Min.
M
Typ. Min.
LO-RF ISOLATION, dB LO-IF ISOLATION, dB
U
Typ. Min.
CASE
STYLE
Qty.
(1-9)
PRICE
$
L
Typ. Min.
Total
Range
Max.
CONVERSION LOSS
dB
Max.
σσσσσ
Mid-Band
m
FREQUENCY
MHz
IF
LO/RF
f
L-fU
MODEL
NO.
U
Typ. Min.
M
Typ. Min.
_
x
Note B
LEVEL 7 500 Hz to4.3 GHz
Plug-In & Flatpack
FREQUENCY MIXERS


Similar Part No. - SAM-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SAM-1 MINI-SAM-1 Datasheet
237Kb / 2P
Frequency Mixer
SAM-1+ MINI-SAM-1+ Datasheet
237Kb / 2P
Frequency Mixer
logo
Eravant
SAM-1031131607-90-L1 ERAVANT-SAM-1031131607-90-L1 Datasheet
285Kb / 2P
X Band Microstrip Patch Array Antenna
Rev. 1.1
SAM-1431430695-SF-L1-8C ERAVANT-SAM-1431430695-SF-L1-8C Datasheet
454Kb / 6P
Ku Band Microstrip Patch Antenna, 14 GHz, 6 dBi,
Rev 1.1
SAM-1731731510-SF-L1 ERAVANT-SAM-1731731510-SF-L1 Datasheet
329Kb / 5P
Ku-Band Microstrip Patch Array Anntenna, 17.1 to 17.3 GHz, 15 dBi
Rev 1.0
More results

Similar Description - SAM-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBL-1 MINI-SBL-1 Datasheet
268Kb / 2P
Frequency Mixers
MAC-24 MINI-MAC-24 Datasheet
1Mb / 4P
Frequency Mixers
MAC-42LH MINI-MAC-42LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-42MH MINI-MAC-42MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-60 MINI-MAC-60 Datasheet
1Mb / 4P
Frequency Mixers
MAC-80H MINI-MAC-80H Datasheet
1Mb / 4P
Frequency Mixers
MAC-80LH MINI-MAC-80LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-80MH MINI-MAC-80MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-85 MINI-MAC-85 Datasheet
1Mb / 4P
Frequency Mixers
MAC-85L MINI-MAC-85L Datasheet
1Mb / 4P
Frequency Mixers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com