Electronic Components Datasheet Search
  English  ▼

X  

ST92195C Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 64Page - STMicroelectronics ST92195C Datasheet HTML 65Page - STMicroelectronics ST92195C Datasheet HTML 66Page - STMicroelectronics ST92195C Datasheet HTML 67Page - STMicroelectronics ST92195C Datasheet HTML 68Page - STMicroelectronics ST92195C Datasheet HTML 69Page - STMicroelectronics ST92195C Datasheet HTML 70Page - STMicroelectronics ST92195C Datasheet HTML 71Page - STMicroelectronics ST92195C Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 249 page
background image
68/249
ST92195C/D - TIMING AND CLOCK CONTROLLER
REGISTER DESCRIPTION (Cont’d)
PLL CLOCK CONTROL REGISTER (PXCCR)
R251 - Read/Write
Register Page: 39
Reset value: 0000 0000 (00h)
Bit 7= PXCE.
Pixel Clock Enable bit.
0: Pixel and TDSRAM interface clocks are blocked
1: Pixel clock is sent to the display controller and
TDSRAM interface.
Bits 6:0= These bits are reserved.
SLICER
CLOCK
CONTROL
REGISTER
(SLCCR)
R252 - Read/ Write
Register Page: 39
Reset value: 0000 0000 (00h)
The HALT mode forces the register to its initializa-
tion state.
Bit 7= SLIEN.
Frequency Multiplier Enable bit.
0: FM disabled (reset state), low-power consump-
tion mode.
1: FM is enabled, providing clock to the Teletext
Data Slicer.
Note: This PLL clock is fed to the VPS/WSS data
slicer if the VW_EN bit of the VPSWSSCR register
is set.
Bit 6= SLDIV2. Divide-by-2 Prescaler.
0: No division, 4 MHz crystal is used
1: Divide-by-2 prescaler enabled. To be used with
an 8 MHz crystal.
Bit 5= This bit is reserved.
Bit 4= VMOD:
Video mode selection.
This bit is used to allow a correct teletext slicing
depending on the selected video mode (50Hz or
60Hz). It is set and cleared by software.
0: 50 Hz. (41 bytes stored per TV line)
1: 60 Hz (bit rate at 5.733 MHz. and 33 bytes
stored per TV line).
Bits 3:0= These bits are reserved.
5.2.1 Register Mapping
The Timing Controller has 4 dedicated registers,
mapped in a ST9+ register file page (the page ad-
dress is 39 (27h)), as follows :
7
6
5
4
3
210
PXCE
0
0
0
0
0
0
0
76
5
4
3
2
1
0
SLIEN SLDIV2
0
VMOD
0
0
0
0
Page 39 (27h)
FEh
Skew Corrector Control Register
SKCCR
FDh
Main Clock Control Register
MCCR
FCh
SLicer Clock Control Register
SLCCR
FBh
Pixel Clock Control Register
PXCCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com