Electronic Components Datasheet Search
  English  ▼

X  

ST92195C Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 189Page - STMicroelectronics ST92195C Datasheet HTML 190Page - STMicroelectronics ST92195C Datasheet HTML 191Page - STMicroelectronics ST92195C Datasheet HTML 192Page - STMicroelectronics ST92195C Datasheet HTML 193Page - STMicroelectronics ST92195C Datasheet HTML 194Page - STMicroelectronics ST92195C Datasheet HTML 195Page - STMicroelectronics ST92195C Datasheet HTML 196Page - STMicroelectronics ST92195C Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 249 page
background image
193/249
ST92195C/D - TWO-CHANNEL I2C BUS INTERFACE (I2C)
I2C BUS INTERFACE (Cont’d)
Bit 1 = UNEXP
Unexpected flag bit
This bit is useful for error detection in a multimas-
ter mode system, when a master is continuing its
transaction while an other concurrent master
wants to finish or restart a transaction by sending a
“Start” or a “Stop” condition.
Together with the MISP bit, it covers all possible
cases, where unexpected “Start” or “Stop” condi-
tions occur, while the interface is a master.
0: No Unexpected error detected
1: A master interface receives a “Start” or a “Stop”
condition, while sending the first bit of a data
byte.
Notes:
– If this bit is set, it will automatically activate the
ERROR bit.
– This bit is only valid when the Advanced Fea-
tures Enable bit AFEN is set.
Bit 0 = MISP
Misplaced flag bit
This bit indicates if the interface has received a
misplaced “Start” or “Stop” condition during ad-
dress transfer or any data byte transfer (besides
first data bit). This error detection is also activated
during the acknowledge bit transfer.
Together with the UNEXP bit, it covers all possible
cases, where unexpected “Start” or “Stop” condi-
tions occur, while the interface is a master.
0: No misplaced “start” or “stop” condition has
been detected
1: A misplaced “Start” or “Stop” condition has been
received.
Note: If this bit is set, it will automatically activate
the ERROR bit.
STATUS REGISTER 1 (I2CSTR1)
R245 - Read Only
Register Page: 44
Reset Value: 0000 0000(00h)
Bit 7 = ERROR
ERROR detection bit
This bit indicates if an error occurred on the bus or
not.
0: No error detected
1: An error is detected. It is an illegal start or stop
condition, i.e. a signal level transition occurs on
the SDA bus during presence of a clock pulse
on the SCL bus.
An interrupt is generated in this case. The inter-
face stays in the error state until the error flag is
reset by either a CLEAR operation, a STOP re-
quest or a “Return To Inactive State” operation.
Note: the ERROR bit has higher priority than the
ARB_LOST bit (i.e. when ERROR=1, the value of
ARB_LOST has to be ignored).
70
ERROR
ARB_
LOST
READ FIRST
GEN_
CALL
ACK_
BIT
ACT_
SLV
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com