Electronic Components Datasheet Search
  English  ▼

X  

ST92195C Datasheet(PDF) 230 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 230 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 226Page - STMicroelectronics ST92195C Datasheet HTML 227Page - STMicroelectronics ST92195C Datasheet HTML 228Page - STMicroelectronics ST92195C Datasheet HTML 229Page - STMicroelectronics ST92195C Datasheet HTML 230Page - STMicroelectronics ST92195C Datasheet HTML 231Page - STMicroelectronics ST92195C Datasheet HTML 232Page - STMicroelectronics ST92195C Datasheet HTML 233Page - STMicroelectronics ST92195C Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 249 page
background image
230/249
ST92E195C/D-ST92T195C/D - GENERAL DESCRIPTION
1.2 MEMORY MAP
Internal ROM
The ROM memory is mapped in two segments:
segment 00h and segment 01h. It starts at ad-
dress 0000h in MMU segment 00h.
Internal RAM, 512 bytes
The internal RAM is mapped in MMU segment
20h; from address FE00h to FFFFh.
Internal TDSRAM
The Internal TDSRAM is mapped starting at ad-
dress 8000h in MMU segment 22h. It is a fully stat-
ic memory.
Figure 122. ST92E195C/D-ST92T195C/D Memory Map
Device
Size
Start
Address
End
Address
ST92T195D7
ST92E195D7
64K
00 0000h
00 FFFFh
ST92T195C8
ST92E195C8
84K
00 0000h
01 4FFFh
Device
Size
Start
Address
End
Address
ST92E195D7
ST92T195D7
ST92E195C8
ST92T195C8
8K
8000h
9FFFh
SEGMENT 1
64 Kbytes
01FFFFh
01C000h
01BFFFh
018000h
017FFFh
014000h
010000h
013FFFh
PAGE 0 - 16 Kbytes
PAGE 1 - 16 Kbytes
PAGE 2 - 16 Kbytes
PAGE 3 - 16 Kbytes
SEGMENT 20h
64 Kbytes
200000h
21FFFFh
20C000h
20BFFFh
208000h
207FFFh
204000h
203FFFh
PAGE 80 - 16 Kbytes
PAGE 81 - 16 Kbytes
PAGE 82 - 16 Kbytes
PAGE 83 - 16 Kbytes
20FFFFh
Reserved
SEGMENT 21h
64 Kbytes
20FFFFh
220000h
22FFFFh
210000h
SEGMENT 22h
64 Kbytes
228000h
229FFFh
8 Kbytes
TDSRAM
Internal ROM
PAGE 88 - 16 Kbytes
PAGE 89 - 16 Kbytes
PAGE 90 - 16 Kbytes
PAGE 91 - 16 Kbytes
22C000h
22BFFFh
228000h
227FFFh
224000h
223FFFh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
max. 20 Kbytes
RAM
512 bytes
Internal
20FE00h
SEGMENT 0
64 Kbytes
00FFFFh
00C000h
00BFFFh
008000h
007FFFh
004000h
000000h
003FFFh
PAGE 0 - 16 Kbytes
PAGE 1 - 16 Kbytes
PAGE 2 - 16 Kbytes
PAGE 3 - 16 Kbytes
Internal ROM
max. 64 Kbytes
Reserved
128K bytes
64 Kbytes 1)
84 Kbytes 1)
00FFFFh
014FFFh
Internal ROM
Note 1: ROM size is device dependent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com