Electronic Components Datasheet Search
  English  ▼

X  

LPH80B99 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # LPH80B99
Description  electronically commutated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

LPH80B99 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  LPH80B99 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(80 x 80 x 25 mm)
3.15 x 3.15 x 1.00 inches
Operating voltage: 85 to 265 VAC
Construction:
plastic frame and impeller
Bearing option:
ball bearing
Motor:
electronically commutated
Air flow:
exhaust over struts
Connection:
lead wire UL1007 24AWG
or terminal
Protection/IP Level: auto restart / IP54
Options:
tachometer, PWM,
environmental protection
0
10
20
40
30
50
AIR FLOW CFM
0.15
0.20
0.25
0.30
0.10
0.05
L
M
H
LPH80B99 series
12.30.19
NOT IN CATALOG
- THIS AND BELOW -
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
M³/Min. CFM
MM
INCH
LPH80B99-L
* 100-240 50/60
1.6
0.04
2500
0.73
26
2.8
0.11
24
95
LPH80B99-M
* 100-240 50/60
2.4
0.05
3000
0.90
32
4.3
0.17
27
95
LPH80B99-H
100-240 50/60
4.5
0.06
3500
1.09
39
6.4
0.25
31
95
ROTA
TION
3.15 ±0.02
(80.00 ±0.50)
2.81 ±0.01
(71.50 ±0.30)
4- ø0.17 ±0.01
(ø4.30 ±0.30)
1.00 ±0.02
(25.50 ±0.5)
*This speed not UL recognized


Similar Part No. - LPH80B99

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
LPH80A99 MECHATRONICS-LPH80A99 Datasheet
489Kb / 1P
electronically commutated
LPH80A99-H MECHATRONICS-LPH80A99-H Datasheet
489Kb / 1P
electronically commutated
LPH80A99-L MECHATRONICS-LPH80A99-L Datasheet
489Kb / 1P
electronically commutated
LPH80A99-M MECHATRONICS-LPH80A99-M Datasheet
489Kb / 1P
electronically commutated
More results

Similar Description - LPH80B99

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
ebm-papst
W1G180-AB31-01 EBMPAPST-W1G180-AB31-01 Datasheet
333Kb / 1P
DC fans with electronically commutated external rotor motor.
logo
Mechatronics, Inc.
LPH12A99 MECHATRONICS-LPH12A99 Datasheet
862Kb / 1P
electronically commutated
LPH12A99-5 MECHATRONICS-LPH12A99-5 Datasheet
230Kb / 1P
electronically commutated
LPH12B99 MECHATRONICS-LPH12B99 Datasheet
506Kb / 1P
electronically commutated
LPH15P99 MECHATRONICS-LPH15P99 Datasheet
531Kb / 1P
electronically commutated
LPH60B99 MECHATRONICS-LPH60B99 Datasheet
486Kb / 1P
electronically commutated
LPH80A99 MECHATRONICS-LPH80A99 Datasheet
489Kb / 1P
electronically commutated
logo
List of Unclassifed Man...
DCM-1031 ETC2-DCM-1031 Datasheet
920Kb / 3P
Electronically commutated BLDC motors. Featuring a single frame size, neodymium magnet technology
logo
IET Labs Inc.
SOURCE IET-SOURCE Datasheet
227Kb / 1P
Electronically Controlled Resistance Box
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com