Electronic Components Datasheet Search
  English  ▼

X  

X5083P Datasheet(PDF) 14 Page - Intersil Corporation

Part # X5083P
Description  CPU Supervisor with 9Kbit SPI EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083P Datasheet(HTML) 14 Page - Intersil Corporation

Back Button X5083P Datasheet HTML 10Page - Intersil Corporation X5083P Datasheet HTML 11Page - Intersil Corporation X5083P Datasheet HTML 12Page - Intersil Corporation X5083P Datasheet HTML 13Page - Intersil Corporation X5083P Datasheet HTML 14Page - Intersil Corporation X5083P Datasheet HTML 15Page - Intersil Corporation X5083P Datasheet HTML 16Page - Intersil Corporation X5083P Datasheet HTML 17Page - Intersil Corporation X5083P Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
FN8127.2
September 16, 2005
Equivalent A.C. Load Circuit at 5V VCC
5V
SO
100pF
5V
3.3k
Ω
RESET
30pF
1.64k
Ω
1.64k
Ω
OUTPUT
A.C. Test Conditions
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5
AC Electrical Specifications
(Over recommended operating conditions, unless otherwise specified)
SYMBOL
PARAMETER
2.7V-5.5V
UNIT
MIN
MAX
DATA INPUT TIMING
fSCK
Clock frequency
0
3.3
MHz
tCYC
Cycle time
300
ns
tLEAD
CS lead time
150
ns
tLAG
CS lag time
150
ns
tWH
Clock HIGH time
130
ns
tWL
Clock LOW time
130
ns
tSU
Data setup time
20
ns
tH
Data hold time
20
ns
tRI (Note 3)
Input rise time
2µs
tFI (Note 3)
Input fall time
2µs
tCS
CS deselect time
100
ns
tWC (Note 4)
Write cycle time
10
ms
DATA OUTPUT TIMING
fSCK
Clock frequency
0
3.3
MHz
tDIS
Output disable time
150
ns
tV
Output valid from clock low
130
ns
tHO
Output hold time
0
ns
tRO (Note 3)
Output rise time
50
ns
tFO (Note 3)
Output fall time
50
ns
NOTES:
3. This parameter is periodically sampled and not 100% tested.
4. tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal nonvolatile write cycle.
X5083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com