Electronic Components Datasheet Search
  English  ▼

X  

ME6038U Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # ME6038U
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

ME6038U Datasheet(HTML) 1 Page - Mechatronics, Inc.

  ME6038U Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(60 x 60 x 38 mm)
2.36 x 2.36 x1.50 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 26, UL1007 lead wires
Frame:
flanged
Protection:
thermal
Options:
tachometer output or locked rotor
signal; PWM speed control
10.0
0
0.25 0.50
1.00
1.50 1.75
15.0
1.25
0.75
L
M
H
E
X
U
S
5.0
20.0
25.0
30.0
35.0
40.0
AIR FLOW (M3/MIN)
ME6038 series
1.97 ±0.01
(50.0 ±0.3)
2.36 ±0.01
(60 ±0.3)
8x Ø 0.17 ±0.01
(Ø 4.4 ±0.2)
0.19
(5.0)
0.19
(5.0)
1.50 ±0.01
(38 ±0.3)
Model No.
Rated
Voltage
V
Operating
Voltage
V
Current
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
M³/Min.
CFM
MM
INCH
ME6038S
12
7 - 13.2
0.38
5,000
0.838
29.58
9.23
0.36
44.6
104
ME6038L
12
7 - 13.2
0.50
6,000
1.006
35.51
13.31
0.52
48.5
104
ME6038M
12
7 - 13.2
0.67
7,000
1.177
41.55
18.10
0.71
53.2
104
ME6038H
12
7 - 13.2
0.86
8,000
1.342
47.38
23.68
0.93
58.0
104
ME6038E
12
7 - 13.2
1.20
8,800
1.525
53.85
27.70
1.09
60.0
104
ME6038X
12
7 - 13.2
1.40
9,400
1.629
57.52
31.60
1.24
63.0
104
ME6038U
12
7 - 13.2
1.80
10,000
1.733
61.19
35.30
1.41
65.0
104
12.15.14


Similar Part No. - ME6038U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ME6038U ETC2-ME6038U Datasheet
434Kb / 1P
DC AXIAL FANS
More results

Similar Description - ME6038U

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com