Electronic Components Datasheet Search
  English  ▼

X  

X5328PIZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # X5328PIZ
Description  CPU Supervisor with 32Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5328PIZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button X5328PIZ Datasheet HTML 9Page - Intersil Corporation X5328PIZ Datasheet HTML 10Page - Intersil Corporation X5328PIZ Datasheet HTML 11Page - Intersil Corporation X5328PIZ Datasheet HTML 12Page - Intersil Corporation X5328PIZ Datasheet HTML 13Page - Intersil Corporation X5328PIZ Datasheet HTML 14Page - Intersil Corporation X5328PIZ Datasheet HTML 15Page - Intersil Corporation X5328PIZ Datasheet HTML 16Page - Intersil Corporation X5328PIZ Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
FN8132.1
October 17, 2005
EQUIVALENT A.C. LOAD CIRCUIT AT 5V VCC
A.C. TEST CONDITIONS
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Serial Input Timing
5V
Output
100pF
5V
4.6k
Ω
RESET/RESET
30pF
2.06k
Ω
3.03k
Ω
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x0.5
Symbol
Parameter
2.7-5.5V
Unit
Min.
Max.
fSCK
Clock Frequency
0
2
MHz
tCYC
Cycle Time
500
ns
tLEAD
CS Lead Time
250
ns
tLAG
CS Lag Time
250
ns
tWH
Clock HIGH Time
200
ns
tWL
Clock LOW Time
250
ns
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tRI(3)
Input Rise Time
100
ns
tFI(3)
Input Fall Time
100
ns
tCS
CS Deselect Time
500
ns
tWC(4)
Write Cycle Time
10
ms
X5328, X5329



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com