Electronic Components Datasheet Search
  English  ▼

X  

ECS-2520SMV Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECS-2520SMV
Description  SMD Multi Volt Crystal Oscillator Tight Stability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-2520SMV Datasheet(HTML) 2 Page - ECS, Inc.

  ECS-2520SMV Datasheet HTML 1Page - ECS, Inc. ECS-2520SMV Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15351 West 109th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
FREQUENCY MHz
CODE
8.000
80
10.000
100
11.0592
110.5
12.000
120
16.000
160
19.200
192
20.000
200
24.000
240
24.576
245.7
25.000
250
26.000
260
27.000
270
30.000
300
32.000
320
33.000
330
33.333
333.3
48.000
480
50.000
500
SOLDER PROFILE
Peak solder Temp +260°C ±5°C 10 ±5 Sec Max.
2 Cycles Max.
MSL 1, Lead Finish Au
DEVELOPED FREQUENCIES
POCKET TAPE DIMENSIONS (mm)
ECS-2520SMV
SMD Multi Volt™
Crystal Oscillator
Figure 1) Suggested Reflow Profile



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com