Electronic Components Datasheet Search
  English  ▼

X  

NT3883F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NT3883F
Description  Dot Matrix LCD 80-Channel Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT3883F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NT3883F Datasheet HTML 3Page - List of Unclassifed Manufacturers NT3883F Datasheet HTML 4Page - List of Unclassifed Manufacturers NT3883F Datasheet HTML 5Page - List of Unclassifed Manufacturers NT3883F Datasheet HTML 6Page - List of Unclassifed Manufacturers NT3883F Datasheet HTML 7Page - List of Unclassifed Manufacturers NT3883F Datasheet HTML 8Page - List of Unclassifed Manufacturers NT3883F Datasheet HTML 9Page - List of Unclassifed Manufacturers NT3883F Datasheet HTML 10Page - List of Unclassifed Manufacturers NT3883F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NT3883
7
Functional Description
NT3883 is a dot matrix LCD segment driver LSI. It
operates with the controller, such as NT3881B/C/D,
and/or another segment driver LSI NT3882A/3883.
NT3883 receives serial data from the controller or
another NT3883, converts it to parallel data and then
supplies the LCD driving waveforms to the LCD panel.
1. CL1
This signal is used for latching the shift register contents.
When CL1 is set at high, the shift register contents are
transferred to the 80-bit 4level LCD driver. When CL1 is
set at low, the last display output data (S1 to S80) is
held.
2. CL2
Clock pulse inputs for the two 40-bit shift registers. The
data is shifted to an 80-bit latch at the falling edge of
CL2. The clock signal CL2 must be active when
operating to refresh shift registers' contents.
3. DL1
Data input/output of the 1
st - 40th register. When SL1 is
connected to GND or open, the data from LCD controller
is fed into the 1
st - 40th register through DL1 serially. If
SL1 is connected to VDD, the DL1 becomes the output of
the 1
st - 40th register.
4. DR1
Data input/output of the 1
st - 40th register. When SL1 is
connected to GND, the 20
th bit of the 1st - 40th register
output from DR1. By connecting DR1 to DL2, two 40-bit
shift registers cascaded to one
80-bit shift register. If
SL1 is connected to VDD, the DR1 becomes the input of
the 1
st - 40th register, in this case, the data may come
from DL2.
5. DL2
Data input/output of the 41
st - 80th register. When SL2 is
connected to GND, the data from LCD controller is fed
into the 41
st
- 80
th register through DL2 serially. If SL2 is
connected to VDD, the DL2 becomes the output of the
41
st - 80th register.
6. DR2
Data input/output of the 41
st - 80th register. When SL2 is
connected to GND, the 80
th bit of the 41st - 80th register
output from DR2. By connecting DR2 to DL1 of next
NT3882A/3883, the cascade structure is obtained to
drive a wider LCD panel. If SL2 is connected to VDD, the
DR2 becomes the input of the 41
st - 80th register, in this
case, the data may come from the next NT3882A/3883.
7. SL1
The shift direction of S1 to S40, i.e. 1
st to 40th shift
register,
is
selected
by
SL1.
The detail
function
description is listed in Note*4 of Page5.
8. SL2
The shift direction of S41 to S80, i.e. 41
st to 80th shift
register,
is
selected
by
SL2.
The detail
function
description is listed in Note*4 of Page5.
9. S1 to S80
LCD driver output pins. These 80 bits represent the 80
data bits in the 80-bit latch and one of VDD, V2, V3 and
VEE is selected as a LCD driving voltage source
according to the combination of latched data level and
the alternate signal (M). The truth table is listed as
follows:
Latched Data
M
Output Level of S1 to S80
1(High)
VEE
1(High)
(Selected)
0(Low)
VDD
1(High)
V3
0(Low)
(Non-selected)
0(Low)
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com