Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPI Datasheet(PDF) 12 Page - Intersil Corporation

Part # X9241AMPI
Description  Low Powr/2-Wire Serial Bus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPI Datasheet(HTML) 12 Page - Intersil Corporation

Back Button X9241AMPI Datasheet HTML 8Page - Intersil Corporation X9241AMPI Datasheet HTML 9Page - Intersil Corporation X9241AMPI Datasheet HTML 10Page - Intersil Corporation X9241AMPI Datasheet HTML 11Page - Intersil Corporation X9241AMPI Datasheet HTML 12Page - Intersil Corporation X9241AMPI Datasheet HTML 13Page - Intersil Corporation X9241AMPI Datasheet HTML 14Page - Intersil Corporation X9241AMPI Datasheet HTML 15Page - Intersil Corporation X9241AMPI Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
FN8164.1
September 15, 2005
Equivalent AC Test Circuit
Circuit #3 SPICE Macro Model
Guidelines for Calculating
Typical Values of Bus Pull-Up Resistors
DCP Wiper Current De-rating Curve
5V
1533
Ω
100pF
SDA Output
RH
CH
10pF
CW
RL
CL
RW
RTOTAL
25pF
10pF
Macro Model
120
100
80
40
60
20
20
40
60
80 100 120
0
0
Bus Capacitance (pF)
Min.
Resistance
Max.
Resistance
RMAX =
CBUS
tR
RMIN =
IOL MIN
VCC MAX
=1.8k
Ω
7
6
5
3
4
1
20
40
60
70
80
90
0
0
Ambient Temperature (°C)
2
50
10
30
AC Electrical Specifications
(Over recommended operating conditions unless otherwise stated.)
SYMBOL
PARAMETER
LIMITS
UNIT
REFERENCE
FIGURE
MIN
MAX
fSCL(5)
SCL clock frequency
0
100
kHz
10
tLOW(5)
Clock LOW period
4700
ns
10
tHIGH(5)
Clock HIGH period
4000
ns
10
tR(5)
SCL and SDA rise time
1000
ns
10
tF(5)
SCL and SDA fall time
300
ns
10
Ti(5)(9)
Noise suppression time constant (glitch filter)
20
ns
10
tSU:STA(5)
Start condition setup time (for a repeated start condition)
4700
ns
10 & 12
tHD:STA(5)
Start condition hold time
4000
ns
10 & 12
tSU:DAT(5)
Data in setup time
250
ns
10
tHD:DAT(5)
Data in hold time
0
ns
10
tAA(5)
SCL LOW to SDA data out valid
3500
ns
11
tDH(5)
Data out hold time
50
ns
11
tSU:STO(5)
Stop condition setup time
4700
ns
10 & 12
tBUF(5)
Bus free time prior to new transmission
4700
ns
10
tWR(5)
Write cycle time (nonvolatile write operation)
10
ms
13
X9241A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com