Electronic Components Datasheet Search
  English  ▼

X  

AX58200BT Datasheet(PDF) 51 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 51 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 47Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 48Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 49Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 50Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 51Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 52Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 53Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 54Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 55Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 180 page
background image
51
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
EMC
HSUSBH
USBH
Crypto
SDIO0
M4-SBUS
M4-IBUS
M4-DBUS
FLASH
SRAM1
(32K)
SRAM2
(96K)
APB1
APB2
EBI
AHB
(ctrl)
PDMA
M0
M1
M2
M3
M4
M5
S0
S1
S2
S3
S4
S5
S6
SPIM
S7
M7
SPIM DMA
HSUSBD
SDIO1
S8
SRAM3
(32K)
Figure 2.2-11: Bus Matrix Diagram
2.2.9
HIRC Auto Trim
This chip supports auto-trim function: the HIRC trim (48 MHz RC oscillator), according to the accurate external
32.768 KHz crystal oscillator or internal USB synchronous mode, automatically gets accurate HIRC output
frequency, 0.25 % deviation within all temperature ranges.
For instance, the system needs an accurate 12 MHz clock. In such case, if neither using use PLL as the system
clock source nor soldering 32.768 KHz crystal in system, user has to set REFCKSEL (SYS_IRCTCTL[10]
reference clock selection) to “1”, set FREQSEL (SYS_IRCTCTL[1:0] trim frequency selection) to “01”, and the
auto-trim function will be enabled. Interrupt status bit FREQLOCK (SYS_IRCTISTS[8] HIRC frequency lock
status) “1” indicates the HIRC output frequency is accurate within 0.25% deviation.
2.2.10 Register Lock Control
Some of the system control registers need to be protected to avoid inadvertent write and disturb the chip
operation. These system control registers are protected after the power-on reset till user to disable register
protection. For user to program these protected registers, a register protection disable sequence needs to be
followed by a special programming. The register protection disable sequence is writing the data “59h”, “16h”
“88h” to the register SYS_REGLCTL address at 0x4000_0100 continuously. Any different data value, different
sequence or any other write to other address during these three data writing will abort the whole sequence.
SYS_IPRST0
Address 0x4000_0008
SYS_ALTCTL
address 0x4000_0014
SYS_BODCTL
address 0x4000_0018
SYS_PORCTL
address 0x4000_0024
SYS_VREFCTL
address 0x4000_0028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com