Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # X9241AMPIZ
Description  Low Powr/2-Wire Serial Bus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPIZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button X9241AMPIZ Datasheet HTML 8Page - Intersil Corporation X9241AMPIZ Datasheet HTML 9Page - Intersil Corporation X9241AMPIZ Datasheet HTML 10Page - Intersil Corporation X9241AMPIZ Datasheet HTML 11Page - Intersil Corporation X9241AMPIZ Datasheet HTML 12Page - Intersil Corporation X9241AMPIZ Datasheet HTML 13Page - Intersil Corporation X9241AMPIZ Datasheet HTML 14Page - Intersil Corporation X9241AMPIZ Datasheet HTML 15Page - Intersil Corporation X9241AMPIZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FN8164.1
September 15, 2005
tSTPWV(5)
Wiper response time from stop generation
500
µs
13
tCLWV(5)
Wiper response from SCL LOW
1000
µs
6
tR VCC
VCC power-up rate
0.2
50
mV/µs
AC Electrical Specifications
(Over recommended operating conditions unless otherwise stated.) (Continued)
SYMBOL
PARAMETER
LIMITS
UNIT
REFERENCE
FIGURE
MIN
MAX
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tLOW
tF
tSU:STO
tR
tBUF
SCL
SDA
(Data in)
FIGURE 10. INPUT BUS TIMING
tAA
tDH
SCL
SDA
SDAOUT (ACK)
SDAOUT
SDAOUT
FIGURE 11. OUTPUT BUS TIMING
tSU:STO
SCL
SDA
tHD:STA
tSU:STA
Stop Condition
Start Condition
(Data in)
FIGURE 12. START STOP TIMING
SCL
SDA
Wiper
Output
Clock 8
SDAIN
Clock 9
ACK
STOP
tWR
tSTPWV
START
FIGURE 13. WRITE CYCLE AND WIPER RESPONSE TIMING
X9241A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com