Electronic Components Datasheet Search
  English  ▼

X  

1822668 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1822668
Description  PCB terminal block - SPT-THR 1,5/ 4-V-5,08 P26
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1822668 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1822668 Datasheet HTML 1Page - PHOENIX CONTACT 1822668 Datasheet HTML 2Page - PHOENIX CONTACT 1822668 Datasheet HTML 3Page - PHOENIX CONTACT 1822668 Datasheet HTML 4Page - PHOENIX CONTACT 1822668 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1822668
05/19/2016   Page 1 / 5
PCB terminal block - SPT-THR 1,5/ 4-V-5,08 P26 - 1822668
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 13.5 A, Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 4,
Connection method: Push-in spring connection, Mounting: THR soldering, Conductor/PCB connection direction:
90 °, Color: black
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
2.63 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
7.7 mm
Pitch
5.08 mm
Dimension a
15.24 mm
Width
19.24 mm
Height
13.6 mm
Length of the solder pin
2.6 mm
Pin dimensions
0,7 x 0,3 mm
Pin spacing
5.5 mm
Hole diameter
1.1 mm
General
Range of articles
SPT 1,5/..-V-THR
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV


Similar Part No. - 1822668

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1822664 PHOENIX-1822664 Datasheet
2Mb / 11P
CHARX T2M3SO12-4P-8 - Infrastructure charging socket
1822665 PHOENIX-1822665 Datasheet
2Mb / 11P
CHARX T2M3SO12-4P-4 - Infrastructure charging socket
More results

Similar Description - 1822668

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1822642 PHOENIX-1822642 Datasheet
103Kb / 5P
PCB terminal block - SPT-THR 1,5/ 2-V-5,08 P26
1822655 PHOENIX-1822655 Datasheet
103Kb / 5P
PCB terminal block - SPT-THR 1,5/ 3-V-5,08 P26
1822684 PHOENIX-1822684 Datasheet
103Kb / 5P
PCB terminal block - SPT-THR 1,5/ 6-V-5,08 P26
1822697 PHOENIX-1822697 Datasheet
103Kb / 5P
PCB terminal block - SPT-THR 1,5/ 7-V-5,08 P26
1822707 PHOENIX-1822707 Datasheet
103Kb / 5P
PCB terminal block - SPT-THR 1,5/ 8-V-5,08 P26
1822710 PHOENIX-1822710 Datasheet
103Kb / 5P
PCB terminal block - SPT-THR 1,5/ 9-V-5,08 P26
1822723 PHOENIX-1822723 Datasheet
103Kb / 5P
PCB terminal block - SPT-THR 1,5/10-V-5,08 P26
1822736 PHOENIX-1822736 Datasheet
103Kb / 5P
PCB terminal block - SPT-THR 1,5/11-V-5,08 P26
1822749 PHOENIX-1822749 Datasheet
103Kb / 5P
PCB terminal block - SPT-THR 1,5/12-V-5,08 P26
1823104 PHOENIX-1823104 Datasheet
105Kb / 5P
PCB terminal block - SPT-THR 1,5/ 4-H-5,08 P26
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com