Electronic Components Datasheet Search
  English  ▼

X  

X9268 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9268
Description  Dual Supply/Low Power/256-Tap/2-Wire Bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268 Datasheet(HTML) 1 Page - Intersil Corporation

  X9268 Datasheet HTML 1Page - Intersil Corporation X9268 Datasheet HTML 2Page - Intersil Corporation X9268 Datasheet HTML 3Page - Intersil Corporation X9268 Datasheet HTML 4Page - Intersil Corporation X9268 Datasheet HTML 5Page - Intersil Corporation X9268 Datasheet HTML 6Page - Intersil Corporation X9268 Datasheet HTML 7Page - Intersil Corporation X9268 Datasheet HTML 8Page - Intersil Corporation X9268 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
FN8172.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9268
Dual Supply/Low Power/256-Tap/2-Wire Bus
Dual Digitally-Controlled (XDCP™)
Potentiometers
FEATURES
• Dual–Two separate potentiometers
• 256 resistor taps/pot–0.4% resolution
• 2-Wire Serial Interface for write, read, and
transfer operations of the potentiometer
• Wiper Resistance, 100
Ω typical @ V+ = 5V,
V- = -5V
• 16 Nonvolatile Data Registers for Each
Potentiometer
• Nonvolatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position
on Power-up.
• Standby Current < 5µA Max
•VCC: ±2.7V to ±5.5V Operation
•50k
Ω, 100kΩ versions of End to End Pot
Resistance
• Endurance: 100,000 Data Changes per Bit per
Register
• 100 yr. Data Retention
• 24-Lead SOIC, 24-Lead TSSOP
• Low Power CMOS
• Power Supply VCC = ±2.7V to ±5.5V
V+ = 2.7V to 5.5V
V- = -2.7V to -5.5V
DESCRIPTION
The
X9268
integrates
2
digitally
controlled
potentiometer
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
2-Wire
bus
interface.
Each
potentiometer
has
associated with it a volatile Wiper Counter Register
(WCR) and a four nonvolatile Data Registers that can
be directly written to and read by the user. The
contents of the WCR controls the position of the wiper
on the resistor array though the switches. Powerup
recalls the contents of the default Data Register (DR0)
to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
FUNCTIONAL DIAGRAM
RH0
RL0
RW0
VCC
VSS
2-Wire
Bus
50k
Ω or 100kΩ versions
RH1
RL1
RW1
Power-on Recall
Wiper Counter
Registers (WCR)
Data Registers
(DR0–DR3)
Interface
Bus
Interface
and Control
Address
Data
Status
Write
Read
Transfer
Inc/Dec
Control
V+
V-
Data Sheet
June 21, 2005


Similar Part No. - X9268

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
320Kb / 22P
Dual Digitally-Controlled Potentiometers
August 29, 2006
X9268 INTERSIL-X9268 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
323Kb / 22P
Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
X9268TS24 INTERSIL-X9268TS24 Datasheet
320Kb / 22P
Dual Digitally-Controlled Potentiometers
August 29, 2006
More results

Similar Description - X9268

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
Dual Supply/Low Power/256-Tap/SPI bus
February 28, 2005
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire bus
September 16, 2005
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
Single Supply/Low Power/256-Tap/2-Wire Bus
March 28, 2005
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
Single Supply/Low Power/256-Tap/2-Wire Bus
September 27, 2005
logo
Renesas Technology Corp
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com