Electronic Components Datasheet Search
  English  ▼

X  

AS213-92 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AS213-92
Description  PHEMT GaAs IC SPDT Switch 0.1-3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS213-92 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AS213-92 Datasheet HTML 1Page - Skyworks Solutions Inc. AS213-92 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice. • October 1, 2004
1
AS213-92: PHEMT GaAs IC SPDT Switch 0.1–3 GHz
DATA SHEET
Features
●
Low insertion loss (0.4 dB @ 2.4 GHz)
●
Isolation 22 dB @ 2.4 GHz
●
Low DC power consumption
●
PHEMT process
●
Operates with 1.8 V control voltage
Applications
●
T/R switch in WLANs, Bluetooth® and medium power
telecommunication applications
Description
The AS213-92 is a medium power IC FET SPDT switch in a low
cost miniature SC-70 6 lead plastic package. The AS213-92
features low insertion loss and positive voltage operation with
very low DC power consumption. This general purpose switch
can be used in a variety of telecommunications applications.
Parameter(1)
Frequency
Min.
Typ.
Max.
Unit
Insertion loss(2)
0.5–1.0 GHz
0.3
0.5
dB
1.0–2.0 GHz
0.4
0.6
dB
2.0–3.0 GHz
0.5
0.7
dB
Isolation
0.5–1.0 GHz
24
27
dB
1.0–2.0 GHz
20
23
dB
2.0–3.0 GHz
16
19
dB
VSWR(3)
0.5–1.0 GHz
1.3:1
1.0–3.0 GHz
1.4:1
Electrical Specifications at 25 °C (0, +3 V)
0.079 (2.00 mm)
± 0.008 (0.20 mm)
0.049 (1.25 mm)
± 0.004 (0.10 mm)
0.008 (0.20 mm)
± 0.004 (0.10 mm)
0.087 (2.20 mm)
± 0.008 (0.20 mm)
0.035 (0.90 mm)
± 0.004 (0.10 mm)
0.002 (0.005 mm)
± 0.002 (0.005 mm) 0.037 (0.95 mm)
± 0.006 (0.15 mm)
0.010 (0.25 mm)
± 0.006 (0.15 mm)
0.0055
(0.14 mm)
± 0.0015
(0.04 mm)
0.0256 (0.65 mm)
BSC
0.009 (0.23 mm)
Ref
Pin 1 Indicator
SC-70 6 Lead
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching characteristics(4)
Rise, fall (10/90% or 90/10% RF)
10
ns
On, off (50% CTL to 90/10% RF)
20
ns
Video feedthru
25
mV
Input power for 1 dB compression
0/+1.8 V
0.5–3.0 GHz
+20
dBm
0/+3.0 V
0.5–3.0 GHz
+27
dBm
Intermodulation intercept point (IP3)
For two-tone input power +5 dBm
0/+3.0 V
0.5–3.0 GHz
+40
dBm
Control voltages
VLOW = 0 to 0.2 V @ 20 µA max.
VHIGH = +2.7 V @ 100 µA max. to +5 V @ 200
µA max.
Operating Characteristics at 25 °C (0, +3 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Insertion loss changes by 0.003 dB/°C.
3. Insertion loss state.
4. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.


Similar Part No. - AS213-92

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS213-92 SKYWORKS-AS213-92 Datasheet
190Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92 Datasheet
240Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1?? GHz
AS213-92LF SKYWORKS-AS213-92LF Datasheet
190Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92LF SKYWORKS-AS213-92LF Datasheet
240Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1?? GHz
AS213-92 SKYWORKS-AS213-92_06 Datasheet
190Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
More results

Similar Description - AS213-92

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS179-92 ALPHA-AS179-92 Datasheet
24Kb / 2P
PHEMT GaAs IC SPDT Switch DC-3 GHz
AS190-73 ALPHA-AS190-73 Datasheet
43Kb / 2P
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
AS193-73 ALPHA-AS193-73 Datasheet
27Kb / 2P
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2.5 GHz
logo
Skyworks Solutions Inc.
AS214-92 SKYWORKS-AS214-92 Datasheet
71Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS222-92 SKYWORKS-AS222-92 Datasheet
51Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1 - 3 GHz
AS222-92 SKYWORKS-AS222-92_07 Datasheet
182Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS179-92 SKYWORKS-AS179-92 Datasheet
109Kb / 4P
PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
AS213-92 SKYWORKS-AS213-92_06 Datasheet
190Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS214-92 SKYWORKS-AS214-92_06 Datasheet
179Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92_08 Datasheet
240Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1?? GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com