Electronic Components Datasheet Search
  English  ▼

X  

M74HC4049 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4049
Description  HEX BUFFER/CONVERTER (INVERTER)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4049 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4049 Datasheet HTML 1Page - STMicroelectronics M74HC4049 Datasheet HTML 2Page - STMicroelectronics M74HC4049 Datasheet HTML 3Page - STMicroelectronics M74HC4049 Datasheet HTML 4Page - STMicroelectronics M74HC4049 Datasheet HTML 5Page - STMicroelectronics M74HC4049 Datasheet HTML 6Page - STMicroelectronics M74HC4049 Datasheet HTML 7Page - STMicroelectronics M74HC4049 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
s
HIGH SPEED:
tPD = 8ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4049
DESCRIPTION
The M74HC4049 is an high speed CMOS HEX
BUFFER (INVERTING) fabricated with silicon
gate C2MOS technology.
The internal circuit is composed of 2 stage
inverters, which enables high noise immunity and
a stable output.
Input protection circuits are different from those of
the high speed CMOS IC’s.
The Vcc side diodes are designed to allow
logic-level conversion from high-level voltages (up
to 13V) to low level voltages.
M74HC4049
HEX BUFFER/CONVERTER (INVERTER)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4049B1R
SOP
M74HC4049M1R
M74HC4049RM13TR
TSSOP
M74HC4049TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4049

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4049 STMICROELECTRONICS-M74HC4049 Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M74HC4049B1R STMICROELECTRONICS-M74HC4049B1R Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M74HC4049C1R STMICROELECTRONICS-M74HC4049C1R Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M74HC4049F1R STMICROELECTRONICS-M74HC4049F1R Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M74HC4049M1R STMICROELECTRONICS-M74HC4049M1R Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
More results

Similar Description - M74HC4049

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10195 ONSEMI-MC10195 Datasheet
102Kb / 4P
Hex Inverter/Buffer
1996 REV 5
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
STROBED HEX INVERTER/BUFFER
Jun-1989
M54HC4049 STMICROELECTRONICS-M54HC4049 Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
Hex Inverter/Buffer
logo
ON Semiconductor
MC10195 ONSEMI-MC10195_02 Datasheet
87Kb / 4P
Hex Inverter/Buffer
January, 2002 ??Rev. 7
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
Sep-2002
M54HC4049 STMICROELECTRONICS-M54HC4049_04 Datasheet
311Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
14-May-2004
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
Strobed Hex Inverter/Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com