Electronic Components Datasheet Search
  English  ▼

X  

UX12AC Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # UX12AC
Description  AC AXIAL FANS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

UX12AC Datasheet(HTML) 1 Page - Mechatronics, Inc.

  UX12AC Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
03.17.16
UX12AC series
0.16
(4)
Ø0.17 ±0.02
(Ø4.4 ±0.4)
thru (8) Holes
1.50 ± 0.02
(38.0 ±0.5)
4.13 ± 0.01
(105.0 ±0.3)
4.72 ±0.02
(120.0 ±0.5)
0.30 ±0.2
(7.5 ±0.5)
0.31 ± 0.01
(8.0 ±0.2)
0.02 x 0.11
(0.50 x 2.8)
(2) Plcs
0
30
AIR FLOW CFM
60
90
120
150
4
2
6
8
10
12
14
1
2
1 = 60 Hz
2 = 50 Hz
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
oz
M³/Min. CFM
MM
INCH
UX12AC12-_H-7
115
50
22
0.17
2800
3.08
109
9.6
0.38
43
18
60
22
0.18
3300
3.68
130
12.5
0.50
47
18
UX12AC23-_H-7
230
50
21
0.10
2800
3.08
109
9.6
0.38
43
18
60
21
0.11
3300
3.68
130
12.5
0.50
47
18
(120 x 120 x 38 mm)
4.72 x 4.72 x 1.50 inches
Features:
high airflow model
Operating voltage: 115 or 230 VAC
Operating temp:
-10°C ~ +60°C
Construction:
aluminum die cast frame;
UL94V-0 plastic impeller
Bearing option:
ball bearing
Motor:
permanent split capacitor
Air Flow:
air exhaust over struts
Connection:
terminal or 22 AWG lead wires
Protection:
thermal
NOT IN CATALOG
- THIS AND BELOW -


Similar Part No. - UX12AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UX12AC12-_H-7 ETC2-UX12AC12-_H-7 Datasheet
347Kb / 1P
AC AXIAL FANS
UX12AC23-_H-7 ETC2-UX12AC23-_H-7 Datasheet
347Kb / 1P
AC AXIAL FANS
More results

Similar Description - UX12AC

ManufacturerPart #DatasheetDescription
logo
ETRI
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
AC Axial Fans
logo
List of Unclassifed Man...
UF60D12-__H ETC2-UF60D12-__H Datasheet
417Kb / 1P
AC AXIAL FANS
UF92A12-__H ETC2-UF92A12-__H Datasheet
395Kb / 1P
AC AXIAL FANS
UF92AM12-__H ETC2-UF92AM12-__H Datasheet
393Kb / 1P
AC AXIAL FANS
UF250BMB12-H1 ETC2-UF250BMB12-H1 Datasheet
499Kb / 1P
AC AXIAL FANS
logo
ETRI
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
AC Axial Fans
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
AC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com