Electronic Components Datasheet Search
  English  ▼

X  

X9317WM8Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9317WM8Z
Description  Low Noise, Low Power, 100 Taps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317WM8Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9317WM8Z Datasheet HTML 6Page - Intersil Corporation X9317WM8Z Datasheet HTML 7Page - Intersil Corporation X9317WM8Z Datasheet HTML 8Page - Intersil Corporation X9317WM8Z Datasheet HTML 9Page - Intersil Corporation X9317WM8Z Datasheet HTML 10Page - Intersil Corporation X9317WM8Z Datasheet HTML 11Page - Intersil Corporation X9317WM8Z Datasheet HTML 12Page - Intersil Corporation X9317WM8Z Datasheet HTML 13Page - Intersil Corporation X9317WM8Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN8183.1
September 9, 2005
The system may select the X9317, move the wiper and
deselect the device without having to store the latest wiper
position in nonvolatile memory. After the wiper movement is
performed as described above and once the new position is
reached, the system must keep INC LOW while taking CS
HIGH. The new wiper position will be maintained until
changed by the system or until a powerup/down cycle
recalled the previously stored data.
This procedure allows the system to always power-up to a
preset value stored in nonvolatile memory; then during
system operation minor adjustments could be made. The
adjustments might be based on user preference, system
parameter changes due to temperature drift, etc.
The state of U/D may be changed while CS remains LOW.
This allows the host system to enable the device and then
move the wiper up and down until the proper trim is attained.
Mode Selection
CS
INC
U/D
MODE
L
H
Wiper up
L
L
Wiper down
H
X
Store wiper position to nonvolatile
memory
H
X
X
Standby
L
X
No store, return to standby
L
H
Wiper Up (not recommended)
L
L
Wiper Down (not recommended)
X9317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com