Electronic Components Datasheet Search
  English  ▼

X  

LM193 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM193
Description  LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM193 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM193 Datasheet HTML 9Page - Texas Instruments LM193 Datasheet HTML 10Page - Texas Instruments LM193 Datasheet HTML 11Page - Texas Instruments LM193 Datasheet HTML 12Page - Texas Instruments LM193 Datasheet HTML 13Page - Texas Instruments LM193 Datasheet HTML 14Page - Texas Instruments LM193 Datasheet HTML 15Page - Texas Instruments LM193 Datasheet HTML 16Page - Texas Instruments LM193 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Input Voltage (V)
-1
0
1
2
3
4
5
6
7
8
9
10
11
100
140
180
220
260
300
340
380
420
460
500
VS=12V
-40°C
0°C
25°C
85°C
125°C
Input Voltage (V)
0
3
6
9
12
15
18
21
24
27
30
33
36
100
140
180
220
260
300
340
380
420
460
500
VS=36V
-40°C
0°C
25°C
85°C
125°C
Input Voltage (V)
-0.5 -0.25
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
100
140
180
220
260
300
340
380
420
460
500
VS=3.3V
-40°C
0°C
25°C
85°C
125°C
Input Voltage (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
100
140
180
220
260
300
340
380
420
460
500
VS=5V
-40°C
0°C
25°C
85°C
125°C
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
250
275
300
325
350
375
400
425
450
475
500
525
550
No Load, Output High
-40°C
25°C
85°C
125°C
Input Voltage (V)
-0.5 -0.25
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
100
140
180
220
260
300
340
380
420
460
500
VS=3V
-40°C
0°C
25°C
85°C
125°C
13
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V, LM393B, LM2903B
www.ti.com
SLCS005AB – OCTOBER 1979 – REVISED DECEMBER 2019
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V LM393B LM2903B
Submit Documentation Feedback
Copyright © 1979–2019, Texas Instruments Incorporated
6.15 Typical Characteristics, LM393B and LM2903B
TA = 25°C, VS = 5 V, RPULLUP = 5.1k, CL = 15 pF, VCM = 0 V, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless otherwise
noted.
Figure 6. Total Supply Current
vs. Supply Voltage
Figure 7. Total Supply Current
vs. Input Voltage at 3V
Figure 8. Total Supply Current
vs. Input Voltage at 3.3V
Figure 9. Total Supply Current
vs. Input Voltage at 5V
Figure 10. Total Supply Current
vs. Input Voltage at 12V
Figure 11. Total Supply Current
vs. Input Voltage at 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com