Electronic Components Datasheet Search
  English  ▼

X  

FTA1576 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA1576
Description  General Purpose Transistors PNP Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1576 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA1576 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1576 Datasheet HTML 2Page - First Silicon Co., Ltd FTA1576 Datasheet HTML 3Page - First Silicon Co., Ltd FTA1576 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
TA = 100°C
25°C
– 40°C
–50
–20
–10
–50
–2
–1
–0.5
–0.2
–0.1
0
–0.4
–0.8
–1.2
–1.6
–2.0
T
A = 25°C
–10
–8
–6
–4
–2
0
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics( )
Fig.3 Grounded emitter output characteristics( )
Fig.4 DC current gain vs. collector current ( )
Fig.5 DC current gain vs. collector current ( )
Fig.6 Collector-emitter saturation voltage vs.
collector current ( )
V
CE = –10 V
V
BE , BASE TO EMITTER VOLTAGE(V)
V
CE , COLLECTOR TO EMITTER VOLTAGE (V)
–35 0
–31 5
–28 0
–24 5
–21 0
–17 5
–14 0
–10 5
–7 0
–3 5 µA
I B =0
0
–1
–2
–3
–4
–5
T
A = 25°C
–100
–80
–60
–40
–20
0
V
CE , COLLECTOR TO EMITTER VOLTAGE (V)
–250
–200
–150
500
450
400
350
300
–100
–50 µA
I B =0
T A = 25°C
500
200
100
50
V
CE= –5 V
–3V
–1V
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 100°C
500
200
100
50
V
CE= – 6V
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
25°C
–40°C
–1
–0.5
–0.2
–0.1
–0.05
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 25°C
IC /I B = 50
20
10
2008. 3. 20
2/4
FTA1576
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com