Electronic Components Datasheet Search
  English  ▼

X  

FTA1576ART1G Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1576ART1G
Description  General Purpose Transistors PNP Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1576ART1G Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1576ART1G Datasheet HTML 1Page - First Silicon Co., Ltd FTA1576ART1G Datasheet HTML 2Page - First Silicon Co., Ltd FTA1576ART1G Datasheet HTML 3Page - First Silicon Co., Ltd FTA1576ART1G Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbo
Value
Unit
Collector–Emitter Voltage
VCEO
–50
V
Collector–Base Voltage
VCBO
–60
V
Emitter–Base Voltage
VEBO
–6.0
V
Collector Current — Continuous
I C
–150
mAdc
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
C
Storage temperature
Tstg
-55 ~ +150
C
DEVICE MARKING
FTA1576AQT1G =FQ FTA1576ART1G=FR FTA1576AST1G =FS
ELECTRICAL CHARACTERISTICS (T
A = 25 C unless otherwise noted.)
x
a
M
p
y
T
n
i
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Unit
Collector–Emitter Breakdown Voltage
V (BR)CEO
– 50
—
—
V
(IC = –1 mA)
Emitter–Base Breakdown Voltage
V (BR)EBO
– 6
—
—
V
(IE = – 50 µA)
Collector–Base Breakdown Voltage
V (BR)CBO
– 60
—
—
V
(IC = – 50 µA)
Collector Cutoff Current
I CBO
—
—
– 0.1
µA
(VCB = – 60 V)
Emitter cutoff current
I EBO
—
—
– 0.1
µA
(VEB = – 6 V)
Collector-emitter saturation voltage
V CE(sat)
—
—
-0.5
V
(IC/ IB = – 50 mA / – 5m A)
h
o
i
t
a
r
r
e
f
s
n
a
r
t
t
n
e
r
r
u
c
C
D
FE
120
––
560
––
(V CE = – 6 V, I C= –1mA)
Transition frequency
f T
—
140
––
MHz
(V CE = – 12 V, I E= 2mA, f=30MHz )
Output capacitance
C ob
—
4.0
5.0
pF
(V CB = – 12 V, I E= 0A, f =1MHz )
h FE values are classified as follows:
Q
R
S
hFE
120~270
180~390
270~560
1
3
2
SC-70 / SOT– 323
2
EMITTER
3
COLLECTOR
1
BASE
*
ORDERING INFORMATION
Device
Package
Shipping
FTA1576AXLT1G
3000/Tape & Reel
SC-70 / SOT-323
10000/Tape & Reel
FTA1576AXLT3G
* X : hFE Cassified
2008. 3. 20
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTA1576
Revision No : 0
SC-70 / SOT-323


Similar Part No. - FTA1576ART1G

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
FTA1505 FS-FTA1505 Datasheet
240Kb / 3P
General Purpose Transistors PNP Silicon
More results

Similar Description - FTA1576ART1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1774QT1G LRC-L2SA1774QT1G_11 Datasheet
241Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
General Purpose Transistors PNP Silicon
LBC807-16WT1G LRC-LBC807-16WT1G Datasheet
69Kb / 3P
General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC807-25-TP MCC-BC807-25-TP Datasheet
286Kb / 3P
PNP Silicon General Purpose Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com